Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8803 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce DAC8803
Description  Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC8803 Fiches technique(HTML) 3 Page - Texas Instruments

  DAC8803_15 Datasheet HTML 1Page - Texas Instruments DAC8803_15 Datasheet HTML 2Page - Texas Instruments DAC8803_15 Datasheet HTML 3Page - Texas Instruments DAC8803_15 Datasheet HTML 4Page - Texas Instruments DAC8803_15 Datasheet HTML 5Page - Texas Instruments DAC8803_15 Datasheet HTML 6Page - Texas Instruments DAC8803_15 Datasheet HTML 7Page - Texas Instruments DAC8803_15 Datasheet HTML 8Page - Texas Instruments DAC8803_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8803
SBAS340C – JANUARY 2005 – REVISED FEBRUARY 2006
V
DD = +2.7 V to +5.5 V; IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B, C, D = 10 V, TA = full operating temperature range,
unless otherwise noted.
DAC8803
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
14
Bits
Relative accuracy
±1
LSB
Differential nonlinearity
DNL
±1
LSB
Output leakage current
IOUTX
Data = 0000h, TA = 25°C
10
nA
IOUTX
Data = 0000h, TA = TA max
20
nA
Full-scale gain error
GFSE
Data = 3FFFh
±0.75
±3
mV
Full-scale tempco(2)
TCVFS
1
ppm/°C
Feedback resistor
RFBX
VDD = 5 V
k
REFERENCE INPUT
VREFX Range
VREFX
-15
15
V
Input resistance
RREFX
4
5
6
k
Input resistance match
RREFX
Channel-to-channel
1
%
Input capacitance(2)
CREFX
5
pF
ANALOG OUTPUT
Output current
IOUTX
Data = 3FFFh
1.6
2.5
mA
Output capacitance(2)
COUTX
Code-dependent
50
pF
LOGIC INPUTS AND OUTPUT
Input low voltage
VIL
VDD = +2.7 V
0.6
V
VIL
VDD = +5 V
0.8
V
Input high voltage
VIH
VDD = +2.7 V
2.1
V
VIH
VDD = +5 V
2.4
V
Input leakage current
IIL
1
µA
Input capacitance(2)
CIL
10
pF
Logic output low voltage
VOL
IOL = 1.6 mA
0.4
V
Logic output high voltage
VOH
IOH = 100 µA
4
V
INTERFACE TIMING(2),(3)
Clock width high
tCH
25
ns
Clock width low
tCL
25
ns
CS to Clock setup
tCSS
0
ns
Clock to CS hold
tCSH
25
ns
Clock to SDO prop delay
tPD
2
20
ns
Load DAC pulsewidth
tLDAC
25
ns
Data setup
tDS
20
ns
Data hold
tDH
20
ns
Load setup
tLDS
5
ns
Load hold
tLDH
25
ns
(1)
All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OPA277 I-to-V converter
amplifier. The DAC8803 RFB terminal is tied to the amplifier output. Typical values represent average readings measured at 25°C.
(2)
These parameters are specified by design and not subject to production testing.
(3)
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
3
Submit Documentation Feedback


Numéro de pièce similaire - DAC8803_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8803IDBR TI-DAC8803IDBR Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803IDBT TI-DAC8803IDBT Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results

Description similaire - DAC8803_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com