Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC898123AXD Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce LC898123AXD
Description  Optical Image Stabilization / Auto Focus Controller & Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898123AXD Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button LC898123AXD Datasheet HTML 4Page - ON Semiconductor LC898123AXD Datasheet HTML 5Page - ON Semiconductor LC898123AXD Datasheet HTML 6Page - ON Semiconductor LC898123AXD Datasheet HTML 7Page - ON Semiconductor LC898123AXD Datasheet HTML 8Page - ON Semiconductor LC898123AXD Datasheet HTML 9Page - ON Semiconductor LC898123AXD Datasheet HTML 10Page - ON Semiconductor LC898123AXD Datasheet HTML 11Page - ON Semiconductor LC898123AXD Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LC898123AXD
www.onsemi.com
8
Electrical Characteristics
Logic
Absolute Maximum Rating at VSS=0V
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VAD30 max
Ta ≤ 25
C
0.3 to 4.6
V
Input/Output voltage
VAI30, VAO30
Ta ≤ 25
C
0.3 to VAD30+0.3
V
VDI30, VDO30
Ta ≤ 25
C
0.3 to VAD30+0.3
V
Storage temperature
Tstg
55 to 125
C
Operating temperature
Topr
30 to 85
C
Allowable Operating Ratings at Ta=30 to 85C, VSS=0V
3.0V Power Supply (AVDD30)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
VAD30
2.6
2.8
3.6
V
Input voltage range
VIN
0
-
VAD30
V
D.C. Characteristics at Input/Output VSS= 0V, AVDD30=2.6 to 3.6V, Ta =30 to 85C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Applicable I/O
High-level input voltage
VIH
CMOS
schmitt
1.48
V
3IS, 3ISUD,
3ISD
Low-level input voltage
VIL
0.37
V
High-level input voltage
VIH
CMOS
supported
1.40
3IC, 3ICUD,
3ICD
Low-level input voltage
VIL
0.51
V
High-level output
voltage
VOH
IOH=
2mA
AVDD30
0.4
V
3O2, 3T2
Low-level output
voltage
VOL
IOL= 2mA
0.4
V
Low-level output
voltage
VOL
IOL= 2mA
0.2
V
3OD
Analog input voltage
VAI
AVSS
AVDD30
V
3IA
PullUp resistor
Rup
50
200
kΩ
3ICUD, 3ISUD
PullDown resistor
Rdn
50
220
kΩ
3ICUD, 3ISUD,
3ISD, 3ICD
Non-volatile Memory Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Endurance
EN
1000
Cycles
Data retention
RT
10
Years
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Numéro de pièce similaire - LC898123AXD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results

Description similaire - LC898123AXD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com