Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC898122AXA-VH Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce LC898122AXA-VH
Description  Optical Image Stabilization / Auto Focus Controller & Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898122AXA-VH Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button LC898122AXA-VH Datasheet HTML 2Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 3Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 4Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 5Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 6Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 7Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 8Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 9Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LC898122AXA
www.onsemi.com
6
<typ> I : INPUT, O : OUTPUT, B : BIDIRECTION, P : Power
Ball No.
Pin Name
type
Description
A1
DVDD12
P
LDO Power supply out (Logic Core VDD (typ 1.2V))
A2
IOP0
B
General-purpose IOPORT
A3
IOP1
B
General-purpose IOPORT
A4
I2CCK
I
I2C IF clock
A5
OUT1
O
OIS Driver output (H bridge)
B1
AVDD30
P
Analog Power (2.6 to 3.6V)
B2
OPINMY
I
OIS Hall-Y OpAmp input-
B3
IOP2
B
General-purpose IOPORT/ External Clock input (switch from OSC at Register)
B4
I2CDT
B
I2C_IF Data
B5
OUT2
O
OIS Driver output (H bridge)
C1
AVSS
P
Analog GND
C2
OPINMX
I
OIS Hall-X OpAmp input-
C3
DVDD30
P
IO Power (2.6V to 3.6V)
C4
VM
P
Driver Power (2.6V to 3.6V)
C5
PGND
P
Driver GND
D1
OPINPY
I
Hall-Y Bias (Current Drive) for OIS
D2
OPINMAF
I
AF Hall OpAmp input-
D3
DGSCLK
B
Digital Gyro IF clock / General-purpose IOPORT
D4
DGSSB
B
Digital Gyro IF Chip Select / General-purpose IOPORT
D5
OUT3
O
OIS Driver output (H bridge)
E1
OPINPX
I
Hall-X OpAmp input+ for OIS
E2
HLXBO
O
Hall-X Bias (Current Driver) for OIS
E3
DVSS
P
Logic GND
E4
DGDATA
B
Digital Gyro IF Data (3wire : Data in/out, 4wire : Data out)
E5
OUT4
O
OIS Driver output (H bridge)
F1
OPINPAF
I
AF Hall OpAmp input+
F2
HLYBO
O
Hall-Y Bias (current drive) for OIS
F3
HLAFBO
O
Hall Bias (current drive) for AF
F4
OUT6
O
AF Driver output (H bridge/constant current)
F5
OUT5
O
AF Driver output (H bridge/constant current)


Numéro de pièce similaire - LC898122AXA-VH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA-VH ONSEMI-LC898122XA-VH Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
More results

Description similaire - LC898122AXA-VH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com