Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC898121XA-MH Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce LC898121XA-MH
Description  Optical Image Stabilization / Controller & Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898121XA-MH Fiches technique(HTML) 2 Page - ON Semiconductor

  LC898121XA-MH Datasheet HTML 1Page - ON Semiconductor LC898121XA-MH Datasheet HTML 2Page - ON Semiconductor LC898121XA-MH Datasheet HTML 3Page - ON Semiconductor LC898121XA-MH Datasheet HTML 4Page - ON Semiconductor LC898121XA-MH Datasheet HTML 5Page - ON Semiconductor LC898121XA-MH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LC898121XA
www.onsemi.com
2
Block Diagram
H-Bridge
Driver
I2C I/F
SPI I/F
IOPORT
12bit
ADC
Hall-EQ
Gyro-EQ
OIS PWM
Digial Gyro
I/F
DA
-+
-+
Hall-X
Hall-Y
DAOPVDD
DAOPVSS
BUSY1/IOP/MON
BUSY2/IOP/MON
DGMISO/DGI2CDT
DGMOSI/IOP
DGSCLK/DGI2CCK/
IOP
DGSSB/MON/IOP
VM
PGND
ADVDD ADVSS
ADVRH
ADVRL
VCC
HLXBO
HLYBO
OPINPX
OPINMX
OPINPY
OPINMY
HXI
HYI
OUT1
OUT2
OUT3
OUT4
TEST
DVSS
SGND
DVDD30
ZRESET
LDO
DVDD18
1.8V±10%
SRAM
I2CDT/MOSI
MISO/MON
I2CCK/SCLK
SSB
Digial Gyro
MON/IOP
OSC
TSTCLK
CLKSEL
Typ
48Mhz
M
X
0
1
VM
POR
System
Reset
GAD
Example of wiring diagram [Hall] in LC898121XA (WLP40)


Numéro de pièce similaire - LC898121XA-MH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122AXA-VH ONSEMI-LC898122AXA-VH Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA-VH ONSEMI-LC898122XA-VH Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
More results

Description similaire - LC898121XA-MH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898124EP3XC ONSEMI-LC898124EP3XC Datasheet
160Kb / 9P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com