Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74731WS-9818-E Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce LC74731WS-9818-E
Description  On-Screen Display Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74731WS-9818-E Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button LC74731WS-9818-E Datasheet HTML 2Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 3Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 4Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 5Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 6Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 7Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 8Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 9Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/39
LC74731W, LC74732W
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Input off leakage current
Ileak1
CVIN, CVCR, CIN, and YIN
——
1
µA
Output off leakage current
Ileak2
CVOUT, COUT, and YOUT
——
1
µA
VOH11
SYNCJDG, SETPOUT,
VDD1 = 5.5 to 4.5 V
0.9 VDD1——
V
BLANK, CHARA, and IEOUT
IOH = –1.0 mA
VOH12
SYNCJDG, SETPOUT,
VDD1 = 4.4 to 2.7 V
0.9 VDD1——
V
High-level output voltage
BLANK, CHARA, and IEOUT
IOH = –0.5 mA
VOH21
A0 to A17, OE, and CE
VDD1 = 5.5 to 4.5 V
0.9 VDD1——
V
IOH = –1.0 mA
VOH22
A0 to A17, OE, and CE
VDD1 = 4.4 to 2.7 V
0.9 VDD1——
V
IOH = –0.5 mA
VOL11
SYNCJDG, SEPOUT,
VDD1 = 5.5 to 4.5 V
0.1 VDD1V
BLANK, CHARA, and IEOUT
IOL = 1.0 mA
VOL12
SYNCJDG, SEPOUT,
VDD1 = 4.4 to 2.7 V
0.1 VDD1V
Low-level output voltage
BLANK, CHARA, and IEOUT
IOL = 0.5 mA
VOL21
A0 to A17, OE, and CE
VDD1 = 5.5 to 4.5 V
0.1 VDD1V
IOL = 1.0 mA
VOL22
A0 to A17, OE, and CE
VDD1 = 4.4 to 2.7 V
0.1 VDD1V
IOL = 0.5 mA
IIH
RST, CS, SIN, SCLK, CTRL1,
VIN = VDD1—
1
µA
Input current
MUTE, and OUTMOD
IIL
CS, SIN, SCLK, CTRL1, and
VIN = VSS1
–1——
µA
OUTMOD
All outputs: open
Operating current drain
IDD1VDD1
Xtal: 17.734 MHz
40
mA
LC: 10 MHz
IDD2VDD2VDD2 = 5 V
20
mA
Electrical Characteristics at Ta = –30 to +70°C, VDD1 = 5 V unless otherwise specified.
Continued on next page.


Numéro de pièce similaire - LC74731WS-9818-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
More results

Description similaire - LC74731WS-9818-E

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com