Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74731W-9818-E Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LC74731W-9818-E
Description  On-Screen Display Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74731W-9818-E Fiches technique(HTML) 5 Page - ON Semiconductor

  LC74731W-9818-E Datasheet HTML 1Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 2Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 3Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 4Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 5Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 6Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 7Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 8Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/39
LC74731W, LC74732W
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
max
Supply voltage
VDD
VDD1 and VDD2VSS – 0.3
VSS + 6.5
V
Input voltage
VIN
All input pins
VSS – 0.3
VDD1 + 0.3
V
Output voltage
VOUT
SYNCJDG, BLANK, CHARA, SEPOUT, A0 to A17,
VSS – 0.3
VDD1 + 0.3
V
CE, and OE
Allowable power dissipation
Pdmax
275
mW
Operating temperature
Topr
–30
+70
°C
Storage temperature
Tstg
–40
+125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1VDD1
4.5
5.0
5.5
V
VDD2VDD2
4.5
5.0
6.5
V
Supply voltage
VDD1VDD1
2.7
5.0
5.5
V
[Only for RGB output]
VDD2VDD2
2.7
5.0
6.5
V
VIH1
CS, SIN, SCLK, SEPIN, and MUTE
0.8 VDD1
5.5
V
High-level input voltage
VIH2
RST
0.8 VDD1
VDD1 + 0.3
V
VIH3
CTRL1 and OUTMOD
0.7 VDD1
VDD1 + 0.3
V
VIH4
D0 to D7
0.8 VDD1
5.5
V
VIL1
RST, CS, SIN, SCLK, SEPIN, and MUTE
VSS – 0.3
0.2 VDD1
V
Low-level input voltage
VIL2
CTRL1 and OUTMOD
VSS – 0.3
0.3 VDD1
V
VIL3
D0 to D7
VSS – 0.3
0.2 VDD1
V
Pull-up resistor
RPU
RST, CS, SIN, SCLK, and MUTE (when the pull-up
25
50
90
k
resistor option is specified)
Composite video signal input
VIN1
CVIN and CVCR
VDD1 = 5 V
2.0
Vp-p
voltage
VIN2
SYNIN
VDD1 = 5 V
1.5
2.0
2.5
Vp-p
Input voltage
VIN3
XtalIN (when an external clock input is used)
VDD1 = 5 V
5.0
Vp-p
fin = 2 fsc, 4 fsc
The XtalIN and XtalOUT oscillator pins (2 fsc: NTSC)
7.159
MHz
FOSC1
The XtalIN and XtalOUT oscillator pins (4 fsc: NTSC)
14.318
MHz
Oscillator frequency
The XtalIN and XtalOUT oscillator pins (2 fsc: PAL)
8.867
MHz
The XtalIN and XtalOUT oscillator pins (4 fsc: PAL)
17.734
MHz
FOSC2
The OSCin and OSCout oscillator pins (LC oscillator)
10
MHz
Recommended Operating Conditions
Note: If the Xtalin pin is used in clock input mode, applications must take adequate input noise prevention and reduction measures.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Numéro de pièce similaire - LC74731W-9818-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
More results

Description similaire - LC74731W-9818-E

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com