Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6451AVNIPPON Fiches technique(PDF) 1 Page - Nippon Precision Circuits Inc

No de pièce SM6451AVNIPPON
Description  Audio Variable Volume IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451AVNIPPON Fiches technique(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6451AVNIPPON Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM6451AV
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Audio Variable Volume IC
OVERVIEW
The SM6451AV is a 3-wire serial-controlled elec-
tronic variable volume IC for audio applications. It
provides electronic volume control for a stereo sys-
tem (left and right channels), and independent chan-
nel attenuation and muting, with greatly enhanced
digital zip noise suppression. The chip address func-
tion allows up to four SM6451AV devices to be con-
nected and individually controlled over the 3-wire
control interface from a single CPU. It is available in
16-pin VSOP packages.
FEATURES
s
Stereo inputs and outputs
s
Attenuation function
• 2-channel independent control
• 1.0 dB/step over 80 steps
• 0 to
−80 dB range
s
Mute function
s
3-wire serial data control (MDT, MCK, MLEN)
s
Chip addressing (up to 4 devices can be connected
in parallel)
s
Low noise
≤ 0.002% THD + noise
• 10 µVrms residual noise
s
5 V single power supply
s
Silicon-gate CMOS process
APPLICATIONS
s
Audio equipment
ORDERING INFORMATION
PINOUT
(Top View)
PACKAGE DIMENSIONS
(Unit: mm)
16 pin VSOP
Device
Package
SM6451AV
16-pin VSOP
1
9
16
8
RSTN
ADRS1
ADRS2
DVDD
LOUT
LIN
AVDD
MDT
MCK
MLEN
DVSS
ROUT
RIN
AVSS
VRL
VRR
5.1 0.2
0.22
+ 0.10
- 0.05
010
0.5 0.2
0.275TYP
0.65
0.10
0.12 M
0.15
+ 0.1
- 0.05


Numéro de pièce similaire - SM6451AVNIPPON

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6451AT NPC-SM6451AT Datasheet
183Kb / 13P
   Audio Variable Volume IC
More results

Description similaire - SM6451AVNIPPON

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com