Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6451AVNIPPON Fiches technique(PDF) 7 Page - Nippon Precision Circuits Inc

No de pièce SM6451AVNIPPON
Description  Audio Variable Volume IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451AVNIPPON Fiches technique(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM6451AVNIPPON Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451AVNIPPON Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM6451AV
NIPPON PRECISION CIRCUITS—7
MICROCONTROLLER INTERFACE
The SM6451AV uses a 3-wire serial interface comprising MDT (data), MCK (clock) and MLEN (latch
enable) to select channels and attenuation levels for the addressed device.
Input Timing
The microcontroller data input timing is shown in figure 1.
Data is shifted into the internal shift register on the rising edge of MCK, and the attenuation value is updated
on the rising edge of MLEN. Accordingly, data on MDT should be changed on the falling edge of MCK. The
dotted lines for MCK and MLEN also indicate valid timing.
Note, however, a minimum of 16 MCK input pulses are required.
Data Format
The format of microcontroller input data is shown in figure 2.
D15, D14
Don’t care.
D13, D12
Chip address bits. D13 corresponds to ADRS1 and D12 corresponds to ADRS2. The device is addressed only
when ADRS1:ADRS2 matches D13:D12.
Example 1: If D13 = LOW, D12 = HIGH and ADRS1 = LOW, ADRS2 = LOW, then the device is not
addressed since ADRS2 and D12 do not match.
Example 2: If D13/D12 = LOW and ADRS1/ADRS2 = LOW, then the device is addressed and all input data
is read and the attenuation settings updated.
D11, D10
Don’t care.
Figure 1. Microcontroller data input timing
Figure 2. Microcontroller data format
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MDT
MCK
MLEN
MDT
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0


Numéro de pièce similaire - SM6451AVNIPPON

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6451AT NPC-SM6451AT Datasheet
183Kb / 13P
   Audio Variable Volume IC
More results

Description similaire - SM6451AVNIPPON

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com