Moteur de recherche de fiches techniques de composants électroniques |
|
SPCA-533A Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
SPCA-533A Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 4 page SPCA533A © Sunplus Technology Co., Ltd. Proprietary & Confidential PAGE 5 Oct. 24, 2001 Preliminary Version: 0.1.0 Preliminary Data Sheet Color DSP: Image processing engine of the SPCA533A is a very flexible pipeline. It will perform color interpolation, gamma correction, image scaling for digital zoom, and image enhancement filtering. JPEG Engine: This image compression engine can generate JPEG compressed file in JFIF and EXIF format with firmware support. The engine can also decode JPEG compressed image for playback. DRAM Controller: The DRAM controller provides access path to the SDRAM for the other internal modules of the SPCA533A. Many special functions are also implemented in this module. For example, image scaling, copy and paste of image parts, image rotation, … etc. DMA Controller: The DMA controller allows high-speed data transfer between SPCA533A internal modules. Storage Media Interface Controller: The storage interface controller is a high efficiency bridge between different storage media protocol and the internal bus. Both DMA data transfer and PIO data transfer are supported. Audio Controller: The SPCA533A’s audio controller has built-in standard IMA-ADPCM audio compression. It also integrates the AC-link interface. USB1.1 Controller: The USB controller allows the SPCA533A to communicate with a PC or Mac. The SPCA533A supports all types of USB pipes. (isochronous, bulk, control and interrupt) 3.2 Typical application CCD/CMOS sensors l e n s SPCA533A SDRAM flash light control AC97 Codec or MP3 decoder mic USB bus LCD module PC DAC on-board flash memory Compact flash memory card TV firmware (ROM) (or other storage media) |
Numéro de pièce similaire - SPCA-533A |
|
Description similaire - SPCA-533A |