Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB025C04H8 Fiches technique(PDF) 8 Page - Cystech Electonics Corp.

No de pièce MTB025C04H8
Description  MTB025C04H8 CYStek Product Specification
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB025C04H8 Fiches technique(HTML) 8 Page - Cystech Electonics Corp.

Back Button MTB025C04H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 9Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 10Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 11Page - Cystech Electonics Corp. MTB025C04H8 Datasheet HTML 12Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C955H8
Issued Date : 2015.11.02
Revised Date :
Page No. : 8/13
MTB025C04H8
CYStek Product Specification
Typical Characteristics : Q2( P-channel)
Typical Output Characteristics
0
5
10
15
20
25
30
35
40
01
23
45
-VDS, Drain-Source Voltage(V)
-10V, -9V, -8V, -7V,-6V
VGS=-2.5V
VGS=-3V
-4V
-4.5V
-3.5V
-5V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250
μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
-ID, Drain Current(A)
VGS=-4V
VGS=-3V
VGS=-10V
VGS=-4.5V
Source Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
024
68
-IS, Source Drain Current(A)
10
VGS=0V
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
02
4
68
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=-10V, ID=-12A
RDS(ON)@Tj=25°C : 28.3mΩ
-VGS, Gate-Source Voltage(V)
ID=-12A
 


Numéro de pièce similaire - MTB025C04H8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB025N04Q8 CYSTEKEC-MTB025N04Q8 Datasheet
485Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB025N04Q8-0-T3-G CYSTEKEC-MTB025N04Q8-0-T3-G Datasheet
485Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB025P03KQ8 CYSTEKEC-MTB025P03KQ8 Datasheet
425Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB025P03KQ8-0-T3-G CYSTEKEC-MTB025P03KQ8-0-T3-G Datasheet
425Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB025C04H8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com