Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-401C-E Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce STK672-401C-E
Description  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-401C-E Fiches technique(HTML) 3 Page - ON Semiconductor

  STK672-401C-E Datasheet HTML 1Page - ON Semiconductor STK672-401C-E Datasheet HTML 2Page - ON Semiconductor STK672-401C-E Datasheet HTML 3Page - ON Semiconductor STK672-401C-E Datasheet HTML 4Page - ON Semiconductor STK672-401C-E Datasheet HTML 5Page - ON Semiconductor STK672-401C-E Datasheet HTML 6Page - ON Semiconductor STK672-401C-E Datasheet HTML 7Page - ON Semiconductor STK672-401C-E Datasheet HTML 8Page - ON Semiconductor STK672-401C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STK672-401C-E
No.A2137-3/19
Package Dimensions
unit:mm (typ)
Derating Curve of Motor Current, IOH, vs. STK672-401C-E Operating Substrate Temperature, Tc
Notes
• The current range given above represents conditions when output voltage is not in the avalanche state.
• If the output voltage is in the avalanche state, see the allowable avalanche energy for STK672-401C-E series hybrid
ICs given in a separate document.
• The operating substrate temperature, Tc, given above is measured while the motor is operating.
Because Tc varies depending on the ambient temperature, Ta, the value of IOH, and the continuous or intermittent
operation of IOH, always verify this value using an actual set.
2.6
0.2
0
080
20
40
60
100
70
10
30
50
90
110
0.8
1.2
1.0
1.4
1.6
1.8
2.0
2.2
2.4
0.6
0.4
IOH -Tc
Operating Substrate Temperature, Tc -
°C
200Hz 2-phase excitation
Hold mode
29.2
1.0
4.5
R1.7
25.6
0.52
(5.6)
(20.4)
119
18 1.0=18.0


Numéro de pièce similaire - STK672-401C-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-401C-E SANYO-STK672-401C-E Datasheet
136Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Description similaire - STK672-401C-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com