Moteur de recherche de fiches techniques de composants électroniques |
|
LB11851FA Fiches technique(PDF) 2 Page - ON Semiconductor |
|
LB11851FA Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 5 page LB11851FA No.A2092-2/5 Specifications Absolute Maximum Ratings at Ta = 25°C Parameter Symbol Conditions Ratings Unit Maximum supply voltage VCC max 18 V OUTN pin maximum output current IOUTN max 20 mA OUTP pin maximum output current IOUTP max 20 mA OUT pin voltage handling capacity VOUT max 18 V 5VREG maximum output current I5VREG max 20 mA Allowable power dissipation Pd max When mounted on the specified circuit board *1 400 mW Operating temperature Topr *2 -40 to +90 °C Storage temperature Tstg -55 to +150 °C *1 Specified substrate :20.0mm ×10.0mm ×0.8mm, Paper phenol board. *2 Do not exceed Tj max = 150 °C Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time. Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details. Recommended Operating Ranges at Ta = 25°C Parameter Symbol Conditions Ratings Unit Supply voltage - VCC VCC 6 to 16 V PWM high-level input voltage range VPWMINH 2.1 to 5.0 V PWM low-level input voltage range VPWMINL 0 to 0.4 V FGIN high-level input voltage range VFGINH 2.1 to 5.0 V FGIN low-level input voltage range VFGINL 0 to 0.3 V SENSE input voltage range VSENop 0 to 5.0 V Electrical Characteristics at Ta = 25°C, VDD = 12V Ratings Parameter Symbol Conditions min typ max Unit Circuit current ICC1 With no load 3.5 5 6.5 mA 5VREG voltage 5VREG 5VREG = 10mA 4.8 5 5.2 V SENSE pin detection voltage VSENth 0.15 0.19 0.23 V FGIN high-level input current FGIhi VIN = 3V 60 80 100 μA FGIN low-level input current FGIlow VIN = 0V -27 -21 -15 μA PWMIN high-level current PWMIhi VIN = 3V 35 45 55 μA PWMIN low-level current PWMIlow VIN = 0V -27 -21 -14 μA IO = 10mA *2 10 11 11.9 V OUT1P, OUT2P high-level output voltage VO12PH IO = 1mA *2 11 11.3 V IO = 10mA *2 3 4 5 V OUT1P, OUT2P low-level output voltage VO12PL IO = 1mA *2 1.2 1.5 V IO = 10mA *1 9 10 11.9 V OUT1N, OUT2N high-level output voltage VO12NH IO = 1mA *1 10.8 11.1 V IO = 10mA *1 0.1 1 2 V OUT1N, OUT2N low-level output voltage VO12NL IO = 1mA *1 0.7 1 V *1 : There is a built-in 100 Ω gate protection resistor. *2 : There is a built-in 300 Ω gate protection resistor. Truth Table FGIN PWMIN SENSE OUT1P OUT1N OUT2P OUT2N Mode L L L H H OUT1 → 2 drive H L L H H L L OUT2 → 1 drive L H L H H H H L H H H L Regeneration mode (low side regeneration) L H L H H H L H H H H L Current limiter (low side regeneration) Note 1 : For the SENSE pin, the "H" state is 0.2V or higher. Note 2 : The IC goes to regeneration mode (no motor drive applied) when the microcontroller is reset (the output high-impedance state). Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Numéro de pièce similaire - LB11851FA |
|
Description similaire - LB11851FA |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |