Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP107BID Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP107BID
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP107BID Fiches technique(HTML) 4 Page - Texas Instruments

  TMP107BID Datasheet HTML 1Page - Texas Instruments TMP107BID Datasheet HTML 2Page - Texas Instruments TMP107BID Datasheet HTML 3Page - Texas Instruments TMP107BID Datasheet HTML 4Page - Texas Instruments TMP107BID Datasheet HTML 5Page - Texas Instruments TMP107BID Datasheet HTML 6Page - Texas Instruments TMP107BID Datasheet HTML 7Page - Texas Instruments TMP107BID Datasheet HTML 8Page - Texas Instruments TMP107BID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, V+
6
V
I/O1, I/O2
–0.3
(V+) + 0.3
Input voltage
R1, R2
–0.3
6
V
ALERT1, ALERT2
–0.3
6
Sink current
ALERT1, ALERT2
10
mA
Operating junction
–55
150
Temperature
°C
Storage, Tstg
–60
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, V+
1.7
3.3
5.5
V
Operating free-air temperature, TA
–55
125
°C
6.4 Thermal Information
TMP107
THERMAL METRIC(1)
D (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
116.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62.5
°C/W
RθJB
Junction-to-board thermal resistance
56.6
°C/W
ψJT
Junction-to-top characterization parameter
14.6
°C/W
ψJB
Junction-to-board characterization parameter
56.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107


Numéro de pièce similaire - TMP107BID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Description similaire - TMP107BID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com