Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP75C Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Fiches technique(HTML) 5 Page - Texas Instruments

  TMP75C Datasheet HTML 1Page - Texas Instruments TMP75C Datasheet HTML 2Page - Texas Instruments TMP75C Datasheet HTML 3Page - Texas Instruments TMP75C Datasheet HTML 4Page - Texas Instruments TMP75C Datasheet HTML 5Page - Texas Instruments TMP75C Datasheet HTML 6Page - Texas Instruments TMP75C Datasheet HTML 7Page - Texas Instruments TMP75C Datasheet HTML 8Page - Texas Instruments TMP75C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TMP75C
www.ti.com
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
6.5 Electrical Characteristics
At TA = –55°C to +125°C and VS = +1.4 V to +3.6 V, unless otherwise noted. Typical values at TA = 25°C and VS = +1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Temperature range
–55
+125
°C
Temperature resolution
0.0625
°C
0°C to +70°C
±0.25
±1
°C
Temperature accuracy
–20°C to +85°C
±0.5
±2
°C
(error)
–55°C to +125°C
±1
±3
°C
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.7(VS)
VS
V
VIL
Low-level input voltage
-0.3
0.3(VS)
V
IIN
Input current
0 V < VIN < (VS) + 0.3 V
1
μA
VS ≥ 2 V, IOUT = 3 mA
0.4
V
Low-level output
VOL
voltage
VS < 2 V, IOUT = 3 mA
0.2(VS)
V
ADC resolution
12
Bit
Conversion time
One-shot mode
20
27
35
ms
Update Rate
80
ms
Bus timeout time
16
22
29
ms
POWER SUPPLY
Operating supply range
1.4
3.6
V
Serial bus inactive
15
37
μA
IQ
Quiescent current
Serial bus active, SCL frequency = 400 kHz
25
μA
Serial bus active, SCL frequency = 3.4 MHz
95
μA
Serial bus inactive
0.3
8
μA
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz
10
μA
Serial bus active, SCL frequency = 3.4 MHz
80
μA
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP75C


Numéro de pièce similaire - TMP75C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CQDGKRQ1 TI1-TMP75CQDGKRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CQDRQ1 TI1-TMP75CQDRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Description similaire - TMP75C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com