Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5878 Fiches technique(PDF) 6 Page - Nippon Precision Circuits Inc

No de pièce SM5878
Description  3rd-order , 2-channel D/A converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5878 Fiches technique(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5878 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM5878AM/AV
NIPPON PRECISION CIRCUITS—6
External clock input
XTI input clock
Serial input (BCKI, DI, LRCI)
Serial input timing
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
20.0
29.5
125
ns
LOW-level clock pulsewidth
tCWL
20.0
29.5
125
ns
Clock pulse cycle
tXI
50.0
59.0
250
ns
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
50
ns
BCKI LOW-level pulsewidth
tBCWL
50
ns
BCKI pulse cycle
tBCY
6tXI
––
ns
DI setup time
tDS
50
ns
DI hold time
tDH
50
ns
Last BCKI rising edge to LRCI edge
tBL
50
ns
LRCI edge to first BCKI rising edge
tLB
50
ns
0.5VDD
VIH1
VIL1
tCWH
tCWL
tXI
BCKI
DI
LRCI
BCWH
t
BCWL
t
1.5V
1.5V
1.5V
BCY
t
DS
t
DH
t
BL
t
LB
t


Numéro de pièce similaire - SM5878

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results

Description similaire - SM5878

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
   3rd-order , 2-channel D/A Converter
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
   3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM588X NPC-SM588X Datasheet
196Kb / 16P
   Audio 3rd-order D/A Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
   AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
   8-Bit, 2-Channel D-A Converter (Buffered)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com