Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM74104 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SM74104
Description  SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM74104 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SM74104 Datasheet HTML 3Page - Texas Instruments SM74104 Datasheet HTML 4Page - Texas Instruments SM74104 Datasheet HTML 5Page - Texas Instruments SM74104 Datasheet HTML 6Page - Texas Instruments SM74104 Datasheet HTML 7Page - Texas Instruments SM74104 Datasheet HTML 8Page - Texas Instruments SM74104 Datasheet HTML 9Page - Texas Instruments SM74104 Datasheet HTML 10Page - Texas Instruments SM74104 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
2
4
6
8
10
12
HO, LO (V)
0
SINKING
SOURCING
VDD = VHB = 12V, HS = 0V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
8
9
10 11 12 13 14 15 16 17 18
VDD, VHB (V)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
IDD, RT = 10k
IDD, RT = 100k
IHB, RT = 10k, 100k
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
IHB, RT = 10k, 100k
IDD, RT = 100k
IDD, RT = 10k
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.0
IDDO
IHBO
1
10
100
1000
FREQUENCY (kHz)
10
100
VDD = 12V
RT = 10k
CL = 0 pF
CL = 1000 pF
CL = 4400 pF
CL = 2200 pF
CL = 470 pF
1
0
SM74104
www.ti.com
SNOSBA3D – JUNE 2011 – REVISED MAY 2015
12.1 Typical Performance Characteristics
Figure 1. IDD vs Frequency
Figure 2. Operating Current vs Temperature
Figure 4. Quiescent Current vs Temperature
Figure 3. Quiescent Current vs Supply Voltage
Figure 6. HO & LO Peak Output Current vs Output Voltage
Figure 5. IHB vs Frequency
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM74104


Numéro de pièce similaire - SM74104

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM74101 TI-SM74101 Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
SM74101SD/NOPB TI-SM74101SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
SM74101SDX/NOPB TI-SM74101SDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
More results

Description similaire - SM74104

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
[Old version datasheet]   High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
[Old version datasheet]   LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
[Old version datasheet]   LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com