Moteur de recherche de fiches techniques de composants électroniques |
|
TMP431 Fiches technique(PDF) 2 Page - Texas Instruments |
|
TMP431 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 42 page TMP431 TMP432 SBOS441F – SEPTEMBER 2009 – REVISED AUGUST 2013 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT TWO-WIRE ADDRESS THERM HIGH LIMIT TMP431A 100 1100 +85°C TMP431B 100 1101 +85°C TMP431C 100 1100 +105°C TMP431D 100 1101 +105°C TMP432A 100 1100 +85°C TMP432B 100 1101 +85°C (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. VALUE UNIT Power Supply, VS +7.0 V Pins 2, 3, and 6 only –0.5 to VS + 0.5 V TMP431 Input Voltage Pins 4, 7, and 8 only –0.5 to 7 V Pins 2, 3, 4, 5, and 8 only –0.5 to VS + 0.5 V TMP432 Input Voltage Pins 7, 9, and 10 only –0.5 to 7 V Input Current 10 mA Operating Temperature Range –55 to +127 °C Storage Temperature Range –60 to +130 °C Junction Temperature (TJ max) +150 °C Human Body Model (HBM) 4000 V ESD Rating Charged Device Model (CDM) 1000 V Machine Model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. 2 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: TMP431 TMP432 |
Numéro de pièce similaire - TMP431_15 |
|
Description similaire - TMP431_15 |