Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP300 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TMP300
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300 Fiches technique(HTML) 4 Page - Texas Instruments

  TMP300_15 Datasheet HTML 1Page - Texas Instruments TMP300_15 Datasheet HTML 2Page - Texas Instruments TMP300_15 Datasheet HTML 3Page - Texas Instruments TMP300_15 Datasheet HTML 4Page - Texas Instruments TMP300_15 Datasheet HTML 5Page - Texas Instruments TMP300_15 Datasheet HTML 6Page - Texas Instruments TMP300_15 Datasheet HTML 7Page - Texas Instruments TMP300_15 Datasheet HTML 8Page - Texas Instruments TMP300_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-40
-25
0
95
85
45
25
50
75
100
125
Temperature( C)
°
75
55
65
V =18V
S
V =3.3V
S
V =1.8V
S
-
40 -25
0
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
25
50
75
100
125
Temperature( C)
°
T
+1%
ERROR
T
ERROR - 1%
T
+0.1%
ERROR
T
ERROR - 0.1%
-
40 -25
0
700
600
500
400
300
200
100
0
25
50
75
100
125
Temperature(°C)
-
40 -25
0
4.0
-
4.0
25
50
75
100
125
Temperature( C)
°
2.0
-
1.0
1.0
0
-
2.0
-
3.0
3.0
-
40 -25
0
3.0
2.0
-
3.0
25
50
75
100
125
Temperature( C)
°
1.5
-
2.0
1.0
-
2.5
2.5
0.5
0
-
0.5
-
1.0
-
1.5
-
40 -25
0
0.10
0.08
-
0.02
0
-
0.04
-
0.06
-
0.08
-
0.10
25
50
75
100
125
Temperature(°C)
0.06
0.04
0.02
T
is+85 CforV
°
MAX
S =1.8Vto3.3V
3.3Vto18V
TMP300
SBOS335C – JUNE 2005 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At VS = 5V, unless otherwise noted.
QUIESCENT CURRENT OVER TEMPERATURE AND
SUPPLY
RSET SHIFT DUE TO RSET TOLERANCE
Figure 1.
Figure 2.
RSET vs TEMPERATURE
TYPICAL TRIP ERROR
Figure 3.
Figure 4.
TYPICAL ANALOG OUTPUT ERROR
ANALOG PSR OVER TEMPERATURE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP300


Numéro de pièce similaire - TMP300_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results

Description similaire - TMP300_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com