Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP175-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP175-Q1
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP175-Q1 Datasheet HTML 7Page - Texas Instruments TMP175-Q1 Datasheet HTML 8Page - Texas Instruments TMP175-Q1 Datasheet HTML 9Page - Texas Instruments TMP175-Q1 Datasheet HTML 10Page - Texas Instruments TMP175-Q1 Datasheet HTML 11Page - Texas Instruments TMP175-Q1 Datasheet HTML 12Page - Texas Instruments TMP175-Q1 Datasheet HTML 13Page - Texas Instruments TMP175-Q1 Datasheet HTML 14Page - Texas Instruments TMP175-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
The TMP75-Q1 features three address pins, allowing up to eight devices to be connected per bus. Pin logic
levels are described in Table 3. The address pins of the TMP175-Q1 and TMP75-Q1 are read after reset, at start
of communication, or in response to a two-wire address acquire request. After the state of the pins are read, the
address is latched to minimize power dissipation associated with detection.
Table 3. Address Pins and Slave Addresses for the TMP75-Q1
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
7.3.2.3 Writing and Reading to the TMP175-Q1 and TMP75-Q1
Accessing a particular register on the TMP175-Q1 and TMP75-Q1 devices is accomplished by writing the
appropriate value to the Pointer register. The value for the Pointer register is the first byte transferred after the
slave address byte with the R/W bit low. Every write operation to the TMP175-Q1 and TMP75-Q1 requires a
value for the Pointer register (see Figure 7).
When reading from the TMP175-Q1 and TMP75-Q1 devices, the last value stored in the Pointer register by a
write operation is used to determine which register is read by a read operation. To change the register pointer for
a read operation, a new value must be written to the Pointer register. This action is accomplished by issuing a
slave address byte with the R/W bit low, followed by the Pointer register byte. No additional data are required.
The master can then generate a START condition and send the slave address byte with the R/W bit high to
initiate the read command; see Figure 9 for details of this sequence. If repeated reads from the same register are
desired, the Pointer register bytes do not have to be continually sent because the TMP175-Q1 and TMP75-Q1
remember the Pointer register value until it is changed by the next write operation.
Register bytes are sent MSB first, followed by the LSB.
7.3.2.4 Slave Mode Operations
The TMP175-Q1 and TMP75-Q1 can operate as a slave receiver or slave transmitter.
7.3.2.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address, with the R/W bit low. The TMP175-Q1 or TMP75-
Q1 then acknowledges reception of a valid address. The next byte transmitted by the master is the Pointer
register. The TMP175-Q1 or TMP75-Q1 then acknowledges reception of the Pointer register byte. The next byte
or bytes are written to the register addressed by the Pointer register. The TMP175-Q1 and TMP75-Q1
acknowledge reception of each data byte. The master can terminate data transfer by generating a START or
STOP condition.
7.3.2.4.2
Slave Transmitter Mode
The first byte is transmitted by the master and is the slave address, with the R/W bit high. The slave
acknowledges reception of a valid slave address. The next byte is transmitted by the slave and is the most
significant byte of the register indicated by the Pointer register. The master acknowledges reception of the data
byte. The next byte transmitted by the slave is the least significant byte. The master acknowledges reception of
the data byte. The master can terminate data transfer by generating a Not-Acknowledge bit on reception of any
data byte, or by generating a START or STOP condition.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP175-Q1 TMP75-Q1


Numéro de pièce similaire - TMP175-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP175 TI1-TMP175 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP175 UMW-TMP175 Datasheet
874Kb / 18P
   Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
logo
Texas Instruments
TMP175AID TI-TMP175AID Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

Description similaire - TMP175-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com