Moteur de recherche de fiches techniques de composants électroniques |
|
I2010AF-08TT Fiches technique(PDF) 2 Page - ON Semiconductor |
|
I2010AF-08TT Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 7 page P2010A http://onsemi.com 2 Figure 1. Block Diagram Crystal Oscillator XOUT XIN ModOUT FS0 Output Divider PLL VDD VCO Loop Filter SR1 SSON VSS Modulation Feedback Divider Frequency Divider Phase Detector Table 1. ABSOLUTE MAXIMUM RATINGS Symbol Parameter Rating Unit VDD, VIN Voltage on any pin with respect to Ground −0.5 to +7 V TSTG Storage temperature −65 to +125 °C TA Operating temperature −40 to +85 °C Ts Max. Soldering Temperature (10 sec) 260 °C TJ Junction Temperature 150 °C TDV Static Discharge Voltage (As per JEDEC STD22− A114−B) 2 KV Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Table 2. DC ELECTRICAL CHARACTERISTICS Symbol Parameter Min Typ Max Unit VIL Input Low Voltage GND − 0.8 V VIH Input High Voltage 2.0 − VDD+0.3 V IIL Input Low Current (pull−up resistor on inputs SR0, FS0) − − −35 mA IIH Input High Current (pull−down resistor on input SSON) − − 35 mA IXOL XOUT Output Low Current (@ 0.4 V, VDD = 3.3 V) − 3 − mA IXOH XOUT Output High Current (@ 2.5 V, VDD = 3.3 V) − 3 − mA VOL Output Low Voltage (VDD = 3.3 V, IOL = 20 mA) − − 0.4 V VOH Output High Voltage (VDD = 3.3 V, IOH = 20 mA) 2.5 − − V IDD Static Supply Current − 0.6 − mA ICC Dynamic Supply Current (3.3 V and 15 pF loading) 4 6 8 mA VDD Operating Voltage 2.7 3.3 5.5 V tON Power Up Time (First locked clock cycle after power up) − 0.18 − mS ZOUT Clock Output Impedance − 50 − W |
Numéro de pièce similaire - I2010AF-08TT |
|
Description similaire - I2010AF-08TT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |