Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYC5-600P Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BYC5-600P
Description  Hyperfast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC5-600P Fiches technique(HTML) 5 Page - NXP Semiconductors

  BYC5-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NXP Semiconductors
BYC5-600P
Hyperfast power diode
BYC5-600P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
24 December 2014
5 / 11
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
with heatsink compound; Fig. 5
-
-
3.5
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
-
60
-
K/W
aaa-015785
tp (s)
10-6
1
10
10-1
10-2
10-5
10-3
10-4
10-2
10-3
1
10-1
10
Zth(j-mb)
(K/W)
10-4
δ = 0.5
δ = 0.3
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
single pulse
tp
tp
T
P
t
T
δ =
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration


Numéro de pièce similaire - BYC5-600P_15

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
BYC5-600P WEEN-BYC5-600P Datasheet
438Kb / 10P
   Hyperfast power diode
More results

Description similaire - BYC5-600P_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com