Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SA
Description  Current Sensing Wirebondable Thin Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA Fiches technique(HTML) 1 Page - Vishay Siliconix

  SA_15 Datasheet HTML 1Page - Vishay Siliconix SA_15 Datasheet HTML 2Page - Vishay Siliconix SA_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SA, SB, SC
www.vishay.com
Vishay Sfernice
Revision: 13-Mar-15
1
Document Number: 53013
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Current Sensing Wirebondable Thin Film Chip Resistors
This thin film chip resistor fits applications as force balance
scales, E beam deflection systems, switching power
supplies, etc... all rely on current sensors to feed back and
control the current.
Gold pads are compatible with thermosonic or ultrasonic
bonding of gold and aluminum wires.
FEATURES
• Low ohmic value down to 0.05
• Tolerance down to 1 %
• Stability 0.1 % < 2000 h at Pn at +70 °C
• Low noise < -35 dB
• Low TCR 100 ppm/°C
• Wirebondable
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
DERATING CURVE
Note
• Higher values and higher tolerances on request.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
P70 °C
W
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
SA
0606
0.05 to 1
0.5
1, 2, 5
100
SB
1212
0.05 to 1
2
1, 2, 5
100
SC
2020
0.05 to 1
6
1, 2, 5
100
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C to +125 °C
Storage temperature range
-55 °C to +155 °C
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Resistive element
NiCr
Glassivation
Ta2O5
Bonding pads
Gold
Backside metallization
On request Ni Au
0
20
40
60
80
100
Ambient Temperature in °C
120
0
20
40
60
80
100
120
140
TOLERANCE VS. OHMIC VALUE
OHMIC VALUE RANGE
TOLERANCE
± %
0.05
 R < 1
5
0.2
 R < 1
2
0.5
 R < 1
1


Numéro de pièce similaire - SA_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA-1520 ETC1-SA-1520 Datasheet
398Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-1521 ETC1-SA-1521 Datasheet
398Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-1527 ETC1-SA-1527 Datasheet
398Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-1529 ETC1-SA-1529 Datasheet
398Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-152A ETC1-SA-152A Datasheet
398Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Description similaire - SA_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
   Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
   Wirebondable High Precision Single Value Thin Film Chip Resistors
Revision: 26-Mar-13
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
   Thin Film Current Sensing Resistor
3/28/2022
logo
Vishay Siliconix
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
   Precision Wirebondable Single Value Thin Film Chip Resistor
Revision: 11-Nov-15
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
008-0337-0 CTS-008-0337-0 Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com