Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC374A Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 74LVC374A
Description  Low-Voltage CMOS Octal Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC374A Fiches technique(HTML) 4 Page - ON Semiconductor

  74LVC374A Datasheet HTML 1Page - ON Semiconductor 74LVC374A Datasheet HTML 2Page - ON Semiconductor 74LVC374A Datasheet HTML 3Page - ON Semiconductor 74LVC374A Datasheet HTML 4Page - ON Semiconductor 74LVC374A Datasheet HTML 5Page - ON Semiconductor 74LVC374A Datasheet HTML 6Page - ON Semiconductor 74LVC374A Datasheet HTML 7Page - ON Semiconductor 74LVC374A Datasheet HTML 8Page - ON Semiconductor 74LVC374A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LVC374A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 3)
Max
Min
Typ
(Note 3)
Max
VIH
HIGH−level input voltage
VCC = 1.2 V
1.08
1.08
V
VCC = 1.65 V to 1.95 V
0.65 x
VCC
0.65 x
VCC
VCC = 2.3 V to 2.7 V
1.7
1.7
VCC = 2.7 V to 3.6 V
2.0
2.0
VIL
LOW−level input voltage
VCC = 1.2 V
0.12
0.12
V
VCC = 1.65 V to 1.95 V
0.35 x
VCC
0.35 x
VCC
VCC = 2.3 V to 2.7 V
0.7
0.7
VCC = 2.7 V to 3.6 V
0.8
0.8
VOH
HIGH−level output voltage
VI = VIH or VIL
V
IO = −100 mA;
VCC = 1.65 V to 3.6 V
VCC
0.2
VCC
0.3
IO = −4 mA; VCC = 1.65 V
1.2
1.05
IO = −8 mA; VCC = 2.3 V
1.8
1.65
IO = −12 mA; VCC = 2.7 V
2.2
2.05
IO = −18 mA; VCC = 3.0 V
2.4
2.25
IO = −24 mA; VCC = 3.0 V
2.2
2.0
VOL
LOW−level output voltage
VI = VIH or VIL
V
IO = 100 mA;
VCC = 1.65 V to 3.6 V
0.2
0.3
IO = 4 mA; VCC = 1.65 V
0.45
0.65
IO = 8 mA; VCC = 2.3 V
0.6
0.8
IO = 12 mA; VCC = 2.7 V
0.4
0.6
IO = −24 mA; VCC = 3.0 V
0.55
0.8
II
Input leakage current
VI = 5.5 V or GND;
VCC = 3.6 V
±0.1
±5
±0.1
±20
mA
IOZ
OFF−state output current
VI = VIH or VIL;
VO = 5.5 V or GND;
VCC = 3.6 V
±0.1
±5
±0.1
±20
mA
IOFF
Power−off leakage current
VI or VO = 5.5 V; VCC = 0.0 V
±0.1
±10
±0.1
±20
mA
ICC
Supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
0.1
10
0.1
40
mA
DICC
Additional supply current
per input pin;
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
5
500
5
5000
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.


Numéro de pièce similaire - 74LVC374A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
   OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
logo
Diodes Incorporated
74LVC374A DIODES-74LVC374A Datasheet
444Kb / 10P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results

Description similaire - 74LVC374A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com