Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC244A Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce 74LVC244A
Description  Low-Voltage CMOS Octal Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC244A Fiches technique(HTML) 1 Page - ON Semiconductor

  74LVC244A Datasheet HTML 1Page - ON Semiconductor 74LVC244A Datasheet HTML 2Page - ON Semiconductor 74LVC244A Datasheet HTML 3Page - ON Semiconductor 74LVC244A Datasheet HTML 4Page - ON Semiconductor 74LVC244A Datasheet HTML 5Page - ON Semiconductor 74LVC244A Datasheet HTML 6Page - ON Semiconductor 74LVC244A Datasheet HTML 7Page - ON Semiconductor 74LVC244A Datasheet HTML 8Page - ON Semiconductor 74LVC244A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
74LVC244A/D
74LVC244A
Low-Voltage CMOS Octal
Buffer
With 5 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74LVC244A is a high performance, non−inverting octal buffer
operating from a 1.2 to 3.6 V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5 V allows 74LVC244A inputs to be safely driven
from 5 V devices. The 74LVC244A is suitable for memory address
driving and all TTL level bus oriented transceiver applications.
Current drive capability is 24 mA at the outputs. The Output Enable
(OE) input, when HIGH, disables the output by placing them in
a HIGH Z condition.
Features
Designed for 1.2 V to 3.6 V VCC Operation
5 V Tolerant − Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
24 mA Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10 mA)
Substantially Reduces System Power Requirements
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
1
20
MARKING
DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
LVC
244A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
See detailed ordering and shipping information on page 7 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
(Note: Microdot may be in either location)


Numéro de pièce similaire - 74LVC244A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
February 2002
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC244A NXP-74LVC244A Datasheet
121Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVC244A NXP-74LVC244A Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results

Description similaire - 74LVC244A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com