Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC240ADTR2G Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce 74LVC240ADTR2G
Description  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC240ADTR2G Fiches technique(HTML) 6 Page - ON Semiconductor

  74LVC240ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 8Page - ON Semiconductor 74LVC240ADTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74LVC240A
www.onsemi.com
6
VCC
0 V
≈ 0 V
1OE, 2OE
1On, 2On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
1On, 2On
Vmo
Vmo
Figure 3. AC Waveforms
Vmi
VCC
VOH - 0.3 V
VOL + 0.3 V
GND
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Symbol
VCC
3.3 V
± 0.3 V
2.7 V
VCC < 2.7 V
Vmi
Vmo
VHZ
VLZ
Vmi
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
VCC/2
VCC/2
VOL + 0.15 V
VOH − 015 V
WAVEFORM 1 - PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
VOH
VOL
1Dn, 2Dn
1On, 2On
tPLH
tPHL
1.5 V
1.5 V
1.5 V
1.5 V


Numéro de pièce similaire - 74LVC240ADTR2G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC240AD PHILIPS-74LVC240AD Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC240ADB PHILIPS-74LVC240ADB Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
More results

Description similaire - 74LVC240ADTR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC00A ONSEMI-74LVC00A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com