Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC00ADR2G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 74LVC00ADR2G
Description  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC00ADR2G Fiches technique(HTML) 4 Page - ON Semiconductor

  74LVC00ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 7Page - ON Semiconductor 74LVC00ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74LVC00A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
−40
5C to +855C
−40
5C to +1255C
Unit
Min
Typ
(Note 3)
Max
Min
Typ
(Note 3)
Max
VIH
HIGH−level input
voltage
VCC = 1.2 V
1.08
1.08
V
VCC = 1.65 V to 1.95 V
0.65 x
VCC
0.65 x
VCC
VCC = 2.3 V to 2.7 V
1.7
1.7
VCC = 2.7 V to 3.6 V
2.0
2.0
VIL
LOW−level input
voltage
VCC = 1.2 V
0.12
0.12
V
VCC = 1.65 V to 1.95 V
0.35 x
VCC
0.35 x
VCC
VCC = 2.3 V to 2.7 V
0.7
0.7
VCC = 2.7 V to 3.6 V
0.8
0.8
VOH
HIGH−level output
voltage
VI = VIH or VIL
V
IO = −100 mA;
VCC = 1.65 V to 3.6 V
VCC
0.2
VCC
0.3
IO = −4 mA; VCC = 1.65 V
1.2
1.05
IO = −8 mA; VCC = 2.3 V
1.8
1.65
IO = −12 mA; VCC = 2.7 V
2.2
2.05
IO = −18 mA; VCC = 3.0 V
2.4
2.25
IO = −24 mA; VCC = 3.0 V
2.2
2.0
VOL
LOW−level output
voltage
VI = VIH or VIL
V
IO = 100 mA;
VCC = 1.65 V to 3.6 V
0.2
0.3
IO = 4 mA; VCC = 1.65 V
0.45
0.65
IO = 8 mA; VCC = 2.3 V
0.6
0.8
IO = 12 mA; VCC = 2.7 V
0.4
0.6
IO = −24 mA; VCC = 3.0 V
0.55
0.8
II
Input leakage current
VI = 5.5V or GND VCC = 3.6 V
±0.1
±5
±0.1
±20
mA
IOFF
Power−off leakage
current
VI or VO = 5.5 V; VCC = 0.0 V
±0.1
±10
±0.1
±20
mA
ICC
Supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
0.1
10
0.1
40
mA
DICC
Additional supply
current
per input pin;
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
5
500
5
5000
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.


Numéro de pièce similaire - 74LVC00ADR2G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC00AD PHILIPS-74LVC00AD Datasheet
86Kb / 8P
   Quad 2-input NAND gate
1998 Apr 28
74LVC00AD PHILIPS-74LVC00AD Datasheet
197Kb / 14P
   Quad 2-input NAND gate Rev. 7 ??25 April 2012
Rev. 7-25 April 2012
logo
Nexperia B.V. All right...
74LVC00AD NEXPERIA-74LVC00AD Datasheet
235Kb / 12P
   Quad 2-input NAND gate
Rev. 9 - 17 September 2021
74LVC00AD-Q100 NEXPERIA-74LVC00AD-Q100 Datasheet
745Kb / 14P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74LVC00ADB PHILIPS-74LVC00ADB Datasheet
86Kb / 8P
   Quad 2-input NAND gate
1998 Apr 28
More results

Description similaire - 74LVC00ADR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com