Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16244DTR Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce 74ALVCH16244DTR
Description  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16244DTR Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button 74ALVCH16244DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 9Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74ALVCH16244
http://onsemi.com
6
Symbol
VCC
3.3 V ±0.3 V
2.5 V ±0.2 V
1.8 V ±0.15 V
VIH
2.7 V
VCC
VCC
Vm
1.5 V
VCC/2
VCC/2
Vx
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
Vy
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
RL
CL
6V or VCC × 2
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 ±0.3 V;
VCC × 2 at VCC = 2.5 ±0.2 V; 1.8 ±0.15 V
tPZH, tPHZ
GND
CL = 50 pF for VCC = 3.0 ± 0.3 V
RL = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 5. Test Circuit


Numéro de pièce similaire - 74ALVCH16244DTR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVCH16244DGG PHILIPS-74ALVCH16244DGG Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH16244DGG NEXPERIA-74ALVCH16244DGG Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
Texas Instruments
74ALVCH16244DGGRE4 TI-74ALVCH16244DGGRE4 Datasheet
520Kb / 17P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16244DGVRE4 TI-74ALVCH16244DGVRE4 Datasheet
520Kb / 17P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16244DL PHILIPS-74ALVCH16244DL Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
More results

Description similaire - 74ALVCH16244DTR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com