Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4974C Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 1N4974C
Description  5 WATT GLASS ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4974C Fiches technique(HTML) 1 Page - Microsemi Corporation

  1N4974C Datasheet HTML 1Page - Microsemi Corporation 1N4974C Datasheet HTML 2Page - Microsemi Corporation 1N4974C Datasheet HTML 3Page - Microsemi Corporation 1N4974C Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOIDLESS-HERMETICALLY-SEALED
5 WATT GLASS ZENER DIODES
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2005
2-4-2005 REV C
SCOTTSD A L E DIVISION
1N4954 thru 1N4996, 1N5968 thru 1N5969, and
1N6632 thru 1N6637
DESCRIPTION
APPEARANCE
T
his Zener Voltage Regulator series is military qualified to MIL-PRF-
19500/356 and is ideal for high-reliability applications where a failure
cannot be tolerated.
These industry-recognized 5 Watt Zener Voltage
Regulators are hermetically sealed with voidless-glass construction using
an internal metallurgical bond. It includes Zener selections from 3.3 to 390
volts in standard 5% tolerances as well as tighter tolerances identified by
different suffix letters on the part number. They are also available in
surface-mount packages (see separate data sheet for 1N4954US thru
1N4996US, 1N5968US thru 1N5969US, and 1N6632US thru 1N6637US).
Microsemi also offers numerous other Zener products to meet higher and
lower power ratings in both thru-hole and surface mount packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Popular JEDEC registered series
Voidless hermetically sealed glass package
Extremely robust construction
Triple-layer passivation
Internal “Category I” Metallurgical bonds for 1N4954
thru 1N4996, and “Category III” for 1N6632 thru
1N6637 as well as 1N5968 thru 1N5959
JAN, JANTX, JANTXV, and JANS available per MIL-
PRF-19500/356
Surface mount equivalents also available in a square
end-cap MELF configuration with “US” suffix (see
separate data sheet for 1N4954US thru 1N4996US,
1N6632US thru 1N6637US and 1N5968US thru
1N5969US
Regulates voltage over a broad operating current and
temperature range
Extensive selection from 3.3 to 390 V
Standard voltage tolerances are plus/minus 5% with
no suffix
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
Flexible axial-lead mounting terminals
Nonsensitive to ESD per MIL-STD-750 Method 1020
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperature: -65oC to +175oC.
• Storage Temperature: -65oC to +175oC.
• Power Dissipation: 5 Watts @ TA = 25oC
• Thermal Resistance: 22oC/W junction to lead at 3/8
inch (10 mm) from body for 1N4954 thru 1N4996 and
30
oC/W for 1N6632 thru 1N6637, 1N5968 thru
1N5969
• Thermal Impedance at 10 ms: 1.8oC/W for 1N4954
thru 1N4996, and 3.0
oC/W for both the 1N6632 thru
1N6637 & 1N5968 thru 1N5969
• Forward Voltage: 1.50 V at 1.0 A
CASE: Hermetically sealed voidless hard glass with
Tungsten slugs
TERMINATIONS: Axial-leads are Tin/Lead (Sn/Pb)
over Copper except for JANS with solid Silver (Ag) and
no finish
MARKING: Body painted and part number, etc.
POLARITY: Cathode indicated by band
Tape & Reel option: Standard per EIA-296
Weight: 750 mg
“E” Package


Numéro de pièce similaire - 1N4974C

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
1N4974 NJSEMI-1N4974 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Semtech Corporation
1N4974 SEMTECH-1N4974 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4974 NJSEMI-1N4974 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4974 NJSEMI-1N4974 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Digitron Semiconductors
1N4974 DIGITRON-1N4974 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
More results

Description similaire - 1N4974C

FabricantNo de pièceFiches techniqueDescription
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com