Moteur de recherche de fiches techniques de composants électroniques |
|
SM5839AV Fiches technique(PDF) 4 Page - Nippon Precision Circuits Inc |
|
SM5839AV Fiches technique(HTML) 4 Page - Nippon Precision Circuits Inc |
4 / 8 page SM5839A NIPPON PRECISION CIRCUITS—4 Low-voltage specification: VDD = 3.0 ± 0.3 V, VSS = 0 V, Ta = −20 to 70 °C AC Characteristics Standard-voltage specification: VDD = 5.0 ± 0.5 V, VSS = 0 V, Ta = −20 to 70 °C 1. All inputs (CLK, DIN0 to DIN7, S0 to S6, OE, ENRC) 2. All outputs (DOUT0 to DOUT7) 3. Inputs DIN0 to DIN7, S0 to S6, OE, ENRC 4. Input CLK only 1. All inputs (CLK, DIN0 to DIN7, S0 to S6, OE, ENRC) 2. All outputs (DOUT0 to DOUT7) 3. Inputs DIN0 to DIN7, S0 to S6, OE, ENRC 4. Input CLK only Input leakage current4 ILL VIN = 0 V – – 1 µA Input leakage current1 ILH VIN = VDD ––1 µA Output high-impedance leakage current2 IZH VOUT = VDD ––5 µA IZL VOUT = 0 V – – 5 Parameter Symbol Condition Rating Unit min typ max Standby current consumption IST –– 50 µA Operating current consumption IDD OE = 0 V, fCLK = 20 MHz – 10 20 mA Input voltage1 VIH 2.0 – – V VIL – – 0.5 Output voltage2 VOH IOH = −0.4 mA 2.0 – – V VOL IOL = 1.6 mA – – 0.8 Input current3 IIL VIN = 0 V – 30 60 µA Input leakage current4 ILL VIN = 0 V – – 1 µA Input leakage current1 ILH VIN = VDD ––1 µA Output high-impedance leakage current2 IZH VOUT = VDD ––5 µA IZL VOUT = 0 V – – 5 Parameter Symbol Condition Rating Unit min typ max CLK clock frequency fCLK – – 54 MHz CLK rise time tCR – – 100 ns CLK fall time tCF – – 100 ns CLK clock pulsewidth tWH 7–– ns DIN0 to DIN7, ENRC input setup time tS1 2–– ns S0 to S6 input setup time tS2 12 – – ns DIN0 to DIN7, ENRC input hold time tH1 2–– ns S0 to S6 input hold time tH2 0–– ns DOUT0 to DOUT7 output data delay time tD Output load circuit 1 – – 18 ns Parameter Symbol Condition Rating Unit min typ max |
Numéro de pièce similaire - SM5839AV |
|
Description similaire - SM5839AV |