Moteur de recherche de fiches techniques de composants électroniques |
|
SMA-2A Fiches technique(PDF) 8 Page - Mitel Networks Corporation |
|
SMA-2A Fiches technique(HTML) 8 Page - Mitel Networks Corporation |
8 / 10 page PRODUCT INFORMATION Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771 America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527 105429 1997-07-03 Mitel emitters and detectors can be provided in this pigtail package with a wide selection of fiber types. The device is electrically isolated from the pigtail receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber. A special design maximizes the return loss for detec- tors in this package. Note 3: Add Rthjc for LED to estimate the total thermal resistance. Absolute Maximum Ratings PARAMETER SYMBOL LIMIT Operating & Storage Temperature (Note 1 & 2) Tstg, Top - 40 to +85 C min.12 MARKING 13 Ø6.00 Mechanical Outline of Diode in PIGTAIL-3A Housing Note 1: Temperature range can be extended to -55/+125 C on request. Note 2: Temperature range may be limited by the specification of the fiber. Thermal Characteristics All Dimensions in mm Optical Characteristics PARAMETER SYMBOL MIN. TYP. MAX. UNIT Thermal Resistance - Infinite Heat Sink Rthcc 25 C/W (Note 3) Thermal Resistance - No Heat Sink Rthca 250 C/W (Note 3) Thermal Resistance - On PC-Board Rthca 120 C/W (Note 3) PARAMETER SYMBOL MIN. TYP. MAX. UNIT Return Loss 10/125 m fiber RL 40 55 dB (PIN only) Pigtail-3A Package Emitter or Detector in Pigtail Package |
Numéro de pièce similaire - SMA-2A |
|
Description similaire - SMA-2A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |