Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS36A Fiches technique(PDF) 2 Page - GOOD-ARK Electronics

No de pièce LS36A
Description  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS36A Fiches technique(HTML) 2 Page - GOOD-ARK Electronics

  LS36A Datasheet HTML 1Page - GOOD-ARK Electronics LS36A Datasheet HTML 2Page - GOOD-ARK Electronics LS36A Datasheet HTML 3Page - GOOD-ARK Electronics LS36A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS36A
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 3A
www.goodark.com
2/4
2013.12-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 1. Typical Instantaneous Forward 
Characteristics 
Figure 3. Typical Reverse Characteristics 
Figure 4. Typical Junction Capacitance
Figure 5.Forward Current Derating Curve
www.goodark.com
2/4
2013.12-Rev.A


Numéro de pièce similaire - LS36A

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LS36 GOOD-ARK-LS36 Datasheet
389Kb / 4P
   Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
LS36 FS-LS36 Datasheet
132Kb / 2P
   Schottky Rectifier
logo
GOOD-ARK Electronics
LS36 GOOD-ARK-LS36_15 Datasheet
193Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
More results

Description similaire - LS36A

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LSL36 GOOD-ARK-LSL36 Datasheet
192Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LS36 GOOD-ARK-LS36_15 Datasheet
193Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com