Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW69LT1 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce BCW69LT1
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW69LT1 Fiches technique(HTML) 6 Page - ON Semiconductor

  BCW69LT1 Datasheet HTML 1Page - ON Semiconductor BCW69LT1 Datasheet HTML 2Page - ON Semiconductor BCW69LT1 Datasheet HTML 3Page - ON Semiconductor BCW69LT1 Datasheet HTML 4Page - ON Semiconductor BCW69LT1 Datasheet HTML 5Page - ON Semiconductor BCW69LT1 Datasheet HTML 6Page - ON Semiconductor BCW69LT1 Datasheet HTML 7Page - ON Semiconductor BCW69LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCW69LT1
http://onsemi.com
6
TJ, JUNCTION TEMPERATURE (°C)
104
−4
0
Figure 15. Typical Collector Leakage Current
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by the model
as shown in Figure 16. Using the model and the device thermal
response the normalized effective transient thermal resistance of
Figure 14 was calculated for various duty cycles.
To find ZθJA(t), multiply the value obtained from Figure 14 by the
steady state value RθJA.
Example:
Dissipating 2.0 watts peak under the following conditions:
t1 = 1.0 ms, t2 = 5.0 ms (D = 0.2)
Using Figure 14 at a pulse width of 1.0 ms and D = 0.2, the reading of
r(t) is 0.22.
The peak rise in junction temperature is therefore
ΔT = r(t) x P(pk) x RθJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see AN−569.
10−2
10−1
100
101
102
103
−2
0
0
+ 20 + 40 + 60 + 80 + 100 + 120 + 140 + 160
VCC = 30 V
ICEO
ICBO
AND
ICEX @ VBE(off) = 3.0 V


Numéro de pièce similaire - BCW69LT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BCW69LT1 MOTOROLA-BCW69LT1 Datasheet
410Kb / 8P
   General Purpose Transistors
logo
Leshan Radio Company
BCW69LT1 LRC-BCW69LT1 Datasheet
254Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
WILLAS ELECTRONIC CORP
BCW69LT1 WILLAS-BCW69LT1 Datasheet
417Kb / 7P
   General Purpose Transistors
More results

Description similaire - BCW69LT1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com