Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM202 Fiches technique(PDF) 4 Page - GOOD-ARK Electronics

No de pièce LM202
Description  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM202 Fiches technique(HTML) 4 Page - GOOD-ARK Electronics

  LM202_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM202_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM202_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM202_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM202 thru LM208
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~800V Output Current 2.0A
www.goodark.com
4/4
2015.04-Rev.A
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-Ark
product best suited to the customer ’ s application; they do not convey any license under any intellectual
t i ht
th
i ht b l
i
t S h
G d A k El t
i
C
Ltd
thi d
t
Disclaimers
property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any
third-party ’ s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
l
ith
t if
ti
dt
t th ti
f
bli ti
f th
ti l
d
bj t t
algorithms represents information on products at the time of publication of these materials, and are subject to
change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements or other
reasons. It is therefore recommended that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an
authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a
product listed herein. The information described here may contain technical inaccuracies or typographical
errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other
loss rising from these inaccuracies or errors. Please also pay attention to information published by Suzhou
G d A k El t
i
C
Ltd b
i
i l di
b it h
Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before making
a final decision on the applicability of the information and products. Suzhou Good-Ark Electronics Co., Ltd.
assumes no responsibility for any damage, liability or other loss resulting from the information contained
hi
herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce in
whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on these
materials or the products contained herein.
www.goodark.com
4/4
2015.04-Rev.A


Numéro de pièce similaire - LM202_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242MH NSC-LM20242MH Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MH NSC-LM20242MH Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Description similaire - LM202_15

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
E9736A GOOD-ARK-E9736A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336R GOOD-ARK-E9336R_15 Datasheet
357Kb / 5P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336A GOOD-ARK-E9336A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM02 GOOD-ARK-LM02_15 Datasheet
217Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com