Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M0200-151-5-000 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce M0200-151-5-000
Description  80mm Servo Motor, 200W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M0200-151-5-000 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  M0200-151-5-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers M0200-151-5-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0200-151-5-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
M0200-151-5-000
80mm Servo Motor, 200W
1pc. - 235.00
50pc. - 235.00
Product Features
High torque density
Low rotor inertia
Compact size
High-resolution, incremental encoders (2000 lines,
8000 counts)
Integral holding brake
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
High performance brushless AC servo motor. Standard configuration includes high-resolution, incremental encoder
feedback and integral holding brake.
Description


Numéro de pièce similaire - M0200-151-5-000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
More results

Description similaire - M0200-151-5-000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
M0200-101-5-000 ETC2-M0200-101-5-000 Datasheet
147Kb / 3P
   80mm Servo Motor, 200W
J0750-302-5-000 ETC2-J0750-302-5-000 Datasheet
141Kb / 4P
   80mm Servo Motor, 750W
M0400-102-5-000 ETC2-M0400-102-5-000 Datasheet
149Kb / 3P
   80mm Servo Motor, 400W
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
A0200-101-4-000 ETC2-A0200-101-4-000 Datasheet
172Kb / 3P
   60mm Servo Motor, 200W
J0200-302-4-000 ETC2-J0200-302-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
J0200-301-4-000 ETC2-J0200-301-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com