Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSE186L Fiches technique(PDF) 1 Page - TRIAD MAGNETICS

No de pièce CSE186L
Description  Current Sense / Low Frequency Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIAD [TRIAD MAGNETICS]
Site Internet  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

CSE186L Fiches technique(HTML) 1 Page - TRIAD MAGNETICS

  CSE186L Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C u r r e n t S e n s e / L o w F r e q u e n c y
Tr a n s f o r m e r s
web:www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 1, 2015
C S E 1 8 6 L
Description:
Triad’s low frequency current sense transformers are designed to monitor
current from 0.1 to 10 ampere at frequencies from 50 Hz to 400 Hz
Electrical Specifications at 25º C:
Turns ratio: Primary to sense 1: 166
Suggested burden resistor: 60
Typical output: See response curve below
Primary DCR: 2.0
mΩ maximum
Sense DCR:
23 Ω maximum
Operating Temperature: -30°C to 95°C
Storage Temperature: -50°C to 125°C
Maximum input: 10Arms, 0-240VAC circuit
Maximum output voltage: 4.0Vrms. Burden resistor value must be selected
to not exceed this voltage.
Response Curve:
Construction:
These transformers are provided with Recognized Component electrical
insulation system (OBJY2), Class 130 (B), designated “B3”. Products are
designed, built and 100% tested for a hi-pot of 2500V, winding to winding and
1250V, winding to core.
Agency Files:
UL file E50476
– Electrical Insulation Systems, Class “B3”, 130C
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.
SECONDARY
SCHEMATIC
PRIMARY
PC BOARD
LAYOUT
10.5


Numéro de pièce similaire - CSE186L

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
CSE184L TRIAD-CSE184L Datasheet
126Kb / 1P
   Current Sense / Low Frequency Transformers
CSE185L TRIAD-CSE185L Datasheet
127Kb / 1P
   Current Sense / Low Frequency Transformers
CSE187-L TRIAD-CSE187-L Datasheet
212Kb / 1P
   Current Sense, Low Frequency Transformers
CSE187-L-P TRIAD-CSE187-L-P Datasheet
212Kb / 1P
   Current Sense, Low Frequency Transformers
logo
List of Unclassifed Man...
CSE187L ETC2-CSE187L Datasheet
472Kb / 2P
   Current Sense Transformers
More results

Description similaire - CSE186L

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
CSE185L TRIAD-CSE185L Datasheet
127Kb / 1P
   Current Sense / Low Frequency Transformers
CSE187-L TRIAD-CSE187-L Datasheet
212Kb / 1P
   Current Sense, Low Frequency Transformers
CSE184L TRIAD-CSE184L Datasheet
126Kb / 1P
   Current Sense / Low Frequency Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
   Current Sense Transformers
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com