Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP6121 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce NCP6121
Description  Dual Output 3 Phase 1/0 Phase Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6121 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button NCP6121 Datasheet HTML 5Page - ON Semiconductor NCP6121 Datasheet HTML 6Page - ON Semiconductor NCP6121 Datasheet HTML 7Page - ON Semiconductor NCP6121 Datasheet HTML 8Page - ON Semiconductor NCP6121 Datasheet HTML 9Page - ON Semiconductor NCP6121 Datasheet HTML 10Page - ON Semiconductor NCP6121 Datasheet HTML 11Page - ON Semiconductor NCP6121 Datasheet HTML 12Page - ON Semiconductor NCP6121 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
NCP6121
http://onsemi.com
9
NCP6121 ELECTRICAL CHARACTERISTICS Unless otherwise stated: −10°C < TA < 100°C; VCC = 5 V; CVCC = 0.1 mF
Parameter
Unit
Max
Typ
Min
Test Conditions
VR_RDY, VR_RDYA (POWER GOOD) OUTPUT
Fall Time
External pull−up of 1 kW to 3.3 V,
CTOT = 45 pF, DVo = 90% to
10%
10
ns
Output Voltage at Power−up
VR_RDY, VR_RDYA pulled up to
5 V via 2 KW
1.0
V
Output Leakage Current When High
VR_RDY and VR_RDYA = 5.0 V
−1.0
1.0
mA
VR_RDY Delay (rising)
DAC = TARGET to VR_RDY
500
ms
VR_RDY Delay (falling)
From OCP or OVP
5
ms
PWM OUTPUTS
Output High Voltage
Sourcing 500 mA
VCC
0.2 V
V
Output Mid Voltage
No Load, SetPS = 02
1.9
2.0
2.1
V
Output Low Voltage
Sinking 500 mA
0.7
V
Rise and Fall Time
CL (PCB) = 50 pF,
DVo = GND to VCC
10
ns
2/3 PHASE DETECTION
PWM Pin Source Current
100
mA
PWM Pin Threshold Voltage
3.3
V
Phase Detect Timer
20
ms
SCLK, SDIO
VIL
Input Low Voltage
.45
V
VIH
Input High Voltage
0.65
V
VOH
Output High Voltage
1.05
V
RON
Buffer On Resistance (data line,
ALERT#, and VRHOT)
4
13
W
Leakage Current
SDIO, SLCK, ALERT
−100
100
mA
Pad Capacitance, (Note 3)
4.0
pF
VR clock to data delay (Tco), (Note 3)
4
8.3
ns
Setup time (Tsu), (Note 3)
7
ns
Hold time (Thld), (Note 3)
14
ns
3. Guaranteed by design or characterization data, not in production test;
Table 1. VR12 VID CODES
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
Voltage
(V)
HEX
0
0
0
0
0
0
0
0
OFF
00
0
0
0
0
0
0
0
1
0.25000
01
0
0
0
0
0
0
1
0
0.25500
02
0
0
0
0
0
0
1
1
0.26000
03
0
0
0
0
0
1
0
0
0.26500
04
0
0
0
0
0
1
0
1
0.27000
05
0
0
0
0
0
1
1
0
0.27500
06
0
0
0
0
0
1
1
1
0.28000
07
0
0
0
0
1
0
0
0
0.28500
08


Numéro de pièce similaire - NCP6121

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
More results

Description similaire - NCP6121

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
NCP6151A ONSEMI-NCP6151A Datasheet
576Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller
Rev1, 032012
NCP6133 ONSEMI-NCP6133 Datasheet
560Kb / 29P
   Phase Controller 1/0 Phase Controller
November, 2013 ??Rev. P2
logo
International Rectifier
IR35204 IRF-IR35204 Datasheet
1Mb / 61P
   31 Dual Output Digital Multi-Phase Controller
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
logo
Maxim Integrated Produc...
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
logo
ON Semiconductor
NCP6153MNTWG ONSEMI-NCP6153MNTWG Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com