Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC6-C-220 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce STAC6-C-220
Description  AC CANopen Advanced Microstep Drive w/ Encoder Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STAC6-C-220 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  STAC6-C-220 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC6-C-220 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC6-C-220 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC6-C-220 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC6-C-220 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC6-C-220 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC6-C-220 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The STAC6-C-220 stepper drive is a powerful, two-phase, bipolar step motor drive for high-speed, high-torque
applications. It employs sophisticated current control designed for optimal smoothness over a wide speed range.
Anti-resonance, torque ripple smoothing, and microstepping work together to bring step motor performance to a
new high.
The STAC6-C-220 operates on single-phase 220 VAC and outputs up to 3.2 A/phase (peak-of-sine) to the step
motor. It features over-voltage, over-temperature, and over-current protection and is complemented by a specially
matched set of low-loss NEMA 23 and NEMA 34 frame step motors.
The STAC6-C-220 is designed to operate on a CANopen communication network and conforms to Can in
Automation (CiA) DS301 and DSP402 specifications. It supports Profile Position, Profile Velocity, and Homing
modes, as well as the ability to run stored Q programs via Applied Motion-specific CANopen objects.
For connecting to external devices such as limit switches, proximity or photoelectric sensors, PLC I/O, lamps, and
other devices, the STAC6-C-220 stepper drive comes with 7 digital inputs, 3 digital outputs, and 2 single-ended
analog inputs (analog inputs can be wired together as 1 differential analog input).
The STAC6-C-220 stepper drive comes with an RS-232 port for configuration and programming. It also comes with
a CANopen port for connecting to the CANopen data network.
Each STAC6 drive comes with an encoder feedback connector for applications that demand a higher level of
position control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
The STAC6-C-220 is CE approved and RoHS compliant.
Description


Numéro de pièce similaire - STAC6-C-220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STAC6-C ETC2-STAC6-C Datasheet
488Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
More results

Description similaire - STAC6-C-220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STAC6-C ETC2-STAC6-C Datasheet
488Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
ST10-C-CE ETC2-ST10-C-CE Datasheet
934Kb / 9P
   DC CANopen Advanced Microstep Drive w/ Encoder Input
ST5-C-CE ETC2-ST5-C-CE Datasheet
606Kb / 8P
   DC CANopen Advanced Microstep Drive w/ Encoder Input
STAC5-S-E120 ETC2-STAC5-S-E120 Datasheet
844Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-S-220 ETC2-STAC6-S-220 Datasheet
356Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC5-IP-E120 ETC2-STAC5-IP-E120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC6-SI-220 ETC2-STAC6-SI-220 Datasheet
356Kb / 6P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com