Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STAC5-S-E120 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce STAC5-S-E120
Description  AC Advanced Microstep Drive w/ Encoder Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-S-E120 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  STAC5-S-E120 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model Number:
STAC5-S-E120
Part Number:
5000-202
Supply Voltage:
94-135 VAC
Supply Voltage Type:
AC
Control Modes:
Step & Direction
Velocity (Oscillator)
Streaming Commands
Output Current:
0.5-5.0 A/phase
Communication Ports:
Ethernet
Encoder Feedback:
Yes
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-90%
Setup Method:
Software setup
Digital Inputs:
4
Digital Outputs:
2
Analog Inputs:
1
Dimensions:
5.5 x 4.5 x 2.0 inches
Weight:
22.4 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


Numéro de pièce similaire - STAC5-S-E120

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
More results

Description similaire - STAC5-S-E120

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-S-220 ETC2-STAC6-S-220 Datasheet
356Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-C-220 ETC2-STAC6-C-220 Datasheet
368Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC6-C ETC2-STAC6-C Datasheet
488Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q-220 ETC2-STAC6-Q-220 Datasheet
355Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz