Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STAC5-S-E120 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce STAC5-S-E120
Description  AC Advanced Microstep Drive w/ Encoder Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-S-E120 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  STAC5-S-E120 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The STAC5-S-E120 stepper drive employs sophisticated current control designed for optimal smoothness over a
wide speed range. Anti-resonance, torque ripple smoothing, and microstepping work together to bring step motor
performance to a new high. To complement the drive Applied Motion offers a specially matched set of low-loss
NEMA 23 and 34 frame motors (see Related and Recommended Products below), all specifically designed with
high voltage operation in mind. Power to the drive comes from single-phase 120 VAC, and the drive can output up
to 5.0 A/phase (peak-of-sine) to the step motor. Protection features like over-voltage, over-temperature, and over-
current prevent damage while running in adverse conditions.
The STAC5-S-E120 can operate in pulse & direction, velocity, and streaming serial (SCL) control modes. Selecting
the control mode, setting up the motor, and configuring other drive parameters is done with the ST Configurator™
software.
For connecting to external devices such as limit switches, proximity or photoelectric sensors, PLC I/O, lamps, and
other devices, the drive comes with 4 digital inputs, 2 digital outputs, and 1 analog input. The drive also features
an Ethernet port for configuration and communications. The Ethernet port is fast 10/100 Mbit, and the drive
supports both TCP and UDP communication protocols.
The STAC5-S-E120 comes with an encoder feedback connector for applications that demand a higher level of
position control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
This step motor drive is UL Recognized (File No. E332730), CE approved, and RoHS compliant.
Description


Numéro de pièce similaire - STAC5-S-E120

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
More results

Description similaire - STAC5-S-E120

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-S-220 ETC2-STAC6-S-220 Datasheet
356Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-C-220 ETC2-STAC6-C-220 Datasheet
368Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC6-C ETC2-STAC6-C Datasheet
488Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q-220 ETC2-STAC6-Q-220 Datasheet
355Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz