![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
STAC5-IP-E220 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
STAC5-IP-E220 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 8 page ![]() Model Number: STAC5-IP-E220 Part Number: 5000-195 Supply Voltage: 94-265 VAC Supply Voltage Type: AC Control Modes: Streaming Commands Analog Positioning Encoder Following Q Programming EtherNet/IP Output Current: 0.5-2.55 A/phase Communication Ports: Ethernet EtherNet/IP Encoder Feedback: Yes Step Resolution: Full Half Microstepping Microstep Emulation Idle Current Reduction: 0-90% Setup Method: Software setup Digital Inputs: 12 Digital Outputs: 6 Analog Inputs: 1 Dimensions: 5.5 x 4.5 x 2.0 inches Weight: 22.4 oz Operating Temperature Range: 0-70 °C Ambient Temperature Range: 0-40 °C Ambient Humidity: 90% max, non-condensing Status LEDs: 1 red, 1 green Circuit Protection: Short circuit Over-voltage Under-voltage Over-temp Specifications |
Numéro de pièce similaire - STAC5-IP-E220 |
|
Description similaire - STAC5-IP-E220 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |