Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10-Q-EN Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce ST10-Q-EN
Description  DC Advanced Microstep Drive w/ Ethernet & Q Programming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-Q-EN Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  ST10-Q-EN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 8Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Model Number:
ST10-Q-EN
Part Number:
5000-179
Supply Voltage:
24-80 VDC
Supply Voltage Type:
DC
Control Modes:
Step & Direction
Velocity (Oscillator)
Streaming Commands
Analog Positioning
Encoder Following
Q Programming
Output Current:
0.1-10.0 A/phase
Communication Ports:
Ethernet
Encoder Feedback:
No
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-90%
Setup Method:
Software setup
Digital Inputs:
8
Digital Outputs:
4
Analog Inputs:
1 differential or 2 single-ended
Dimensions:
5.0 x 3.0 x 1.75 inches
Weight:
10.4 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-55 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


Numéro de pièce similaire - ST10-Q-EN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST10-Q-EE ETC2-ST10-Q-EE Datasheet
924Kb / 9P
   DC Advanced Microstep Drive w/ Ethernet & Encoder Input
More results

Description similaire - ST10-Q-EN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST5-Q-EN ETC2-ST5-Q-EN Datasheet
589Kb / 8P
   DC Advanced Microstep Drive w/ Ethernet & Q Programming
ST5-Q-NN ETC2-ST5-Q-NN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST5-Q-RN ETC2-ST5-Q-RN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST10-Q-RN ETC2-ST10-Q-RN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
ST10-PLUS ETC2-ST10-PLUS Datasheet
969Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming
ST5-PLUS ETC2-ST5-PLUS Datasheet
751Kb / 8P
   DC Advanced Microstep Drive w/ Q Programming
ST10-Q-NN ETC2-ST10-Q-NN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
STAC5-Q-N220 ETC2-STAC5-Q-N220 Datasheet
863Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
STAC5-Q-N120 ETC2-STAC5-Q-N120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
ST10-Q-NE ETC2-ST10-Q-NE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com