Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST10-IP-EN Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce ST10-IP-EN
Description  DC EtherNet/IP Advanced Microstep Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-IP-EN Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  ST10-IP-EN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 8Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Model Number:
ST10-IP-EN
Part Number:
5000-181
Supply Voltage:
24-80 VDC
Supply Voltage Type:
DC
Control Modes:
Streaming Commands
Analog Positioning
Encoder Following
Q Programming
EtherNet/IP
Output Current:
0.1-10.0 A/phase
Communication Ports:
Ethernet
EtherNet/IP
Encoder Feedback:
No
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-90%
Setup Method:
Software setup
Digital Inputs:
8
Digital Outputs:
4
Analog Inputs:
1 differential or 2 single-ended
Dimensions:
5.0 x 3.0 x 1.75 inches
Weight:
10.4 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-55 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn