Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST10-IP-EN Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ST10-IP-EN
Description  DC EtherNet/IP Advanced Microstep Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-IP-EN Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ST10-IP-EN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 8Page - List of Unclassifed Manufacturers ST10-IP-EN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The ST10-IP-EN stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-IP-EN incorporates EtherNet/IP network communications, the widely used industrial protocol for
manufacturing automation applications. With EtherNet/IP users can control, configure and query the drive using an
open, standards-based, industrial Ethernet connection at speeds up to 100 MBits/sec. The ST-IP drives run all of
the same control modes as ST-Q drives, with the addition that all drive features can be accessed over
EtherNet/IP, including more than 100 commands and 130 registers for controlling motion, I/O, configuration,
polling, math, register manipulation, and Q programming.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs, 4 digital outputs,
and 2 single-ended analog inputs (analog inputs can be wired together as 1 differential analog input). Adjustable
digital filters are present on the digital inputs for enhanced reliability in noisy environments.
In addition to EtherNet/IP the drive supports Ethernet TCP and UDP protocols for sending commands from Applied
Motion’s proprietary Serial Command Language (SCL). The same 10/100 Mbit Ethernet port on the drive is also
used for configuring and programming the drive using the ST Configurator™ and Q Programmer™ software
applications, respectively.
All ST drives are CE approved and RoHS compliant.
Description


Numéro de pièce similaire - ST10-IP-EN

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ST10-IP-EE ETC2-ST10-IP-EE Datasheet
943Kb / 10P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
More results

Description similaire - ST10-IP-EN

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ST5-IP-EN ETC2-ST5-IP-EN Datasheet
608Kb / 9P
   DC EtherNet/IP Advanced Microstep Drive
STAC5-IP-N120 ETC2-STAC5-IP-N120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
STAC5-IP-N220 ETC2-STAC5-IP-N220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
ST5-IP-EE ETC2-ST5-IP-EE Datasheet
615Kb / 9P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
ST10-IP-EE ETC2-ST10-IP-EE Datasheet
943Kb / 10P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-IP-E120 ETC2-STAC5-IP-E120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STR2 ETC2-STR2 Datasheet
779Kb / 5P
   DC Advanced Microstep Drive
STR8 ETC2-STR8 Datasheet
748Kb / 5P
   DC Advanced Microstep Drive
ST5-S ETC2-ST5-S Datasheet
635Kb / 7P
   DC Advanced Microstep Drive
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz