Moteur de recherche de fiches techniques de composants électroniques |
|
SM5021BAH Fiches technique(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM5021BAH Fiches technique(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 11 page SM5021 series NIPPON PRECISION CIRCUITS—3 PAD LAYOUT (Unit : µm) PINOUT (Top View) PIN DESCRIPTION and PAD DIMENSIONS BLOCK DIAGRAM Chip size: 1.00 × 0.80 mm Chip thickness: 220 ± 30 µm Chip base: VDD level Q VDD XT VSS (0,0) (1000,800) INH XT HA5021 1 XT VSS Q VDD 2 3 6 5 4 XT INH Number Name I/O Description Pad dimensions [µm] XY 1 INH I Output state control input. High impedance when LOW. Pull-up resistor built in 771 150 2 XT I Amplifier input. Crystal oscillator connection pins. Crystal oscillator connected between XT and XT 553 150 3 VSS – Ground 150 140 4 Q O Output. Output frequency (fO) 150 649 5 VDD – Supply voltage 796 409 6XT O Amplifier output. Crystal oscillator connection pins. Crystal oscillator connected between XT and XT 836 636 XT VSS VDD Q CG CD Rf XT INH |
Numéro de pièce similaire - SM5021BAH |
|
Description similaire - SM5021BAH |