Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3845BGDR14 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce CS3845BGDR14
Description  Current Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845BGDR14 Fiches technique(HTML) 5 Page - ON Semiconductor

  CS3845BGDR14 Datasheet HTML 1Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 2Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 3Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 4Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 5Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 6Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 7Page - ON Semiconductor CS3845BGDR14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Setting the Oscillator
The parameters Tc and Td can be determined as follows:
Grounding
High peak currents associated with capacitive loads neces-
sitate careful grounding techniques. Timing and bypass
capacitors should be connected close to Gnd in a single
point ground.
The transistor and 5k
Ω potentiometer are used to sample
the oscillator waveform and apply an adjustable ramp to
Sense.
ton
toff
Vupper
Vlower
tC
td
ton = tC
toff = tC+2td
Circuit Description: continued
Substituting in typical values for the parameters in the
above formulas:
VREF = 5.0V, Vupper = 2.7V, Vlower = 1.0V, Id = 8.3mA,
then
tc ≈ 0.5534RTCT
td = RTCT ln
For better accuracy RT should be ≥10kΩ.
)
2.3 - 0.0083 RT
4.0 - 0.0083 RT
(
VCC
IO
VO
Switch
Current
EA Output
Toggle
F/F Output
OSC
RESET
VOSC
Figure 2: Timing Diagram
Figure 3: Timing Parameters.
tc = RTCT ln
td = RTCT ln
)
VREF - IdRT - Vlower
VREF - IdRT - Vupper
(
)
VREF - Vlower
VREF - Vupper
(


Numéro de pièce similaire - CS3845BGDR14

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS3845BGDR14 CHERRY-CS3845BGDR14 Datasheet
149Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results

Description similaire - CS3845BGDR14

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com