Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC717A00AJ Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LC717A00AJ
Description  Capacitance-Digital-Converter LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC717A00AJ Fiches technique(HTML) 3 Page - ON Semiconductor

  LC717A00AJ Datasheet HTML 1Page - ON Semiconductor LC717A00AJ Datasheet HTML 2Page - ON Semiconductor LC717A00AJ Datasheet HTML 3Page - ON Semiconductor LC717A00AJ Datasheet HTML 4Page - ON Semiconductor LC717A00AJ Datasheet HTML 5Page - ON Semiconductor LC717A00AJ Datasheet HTML 6Page - ON Semiconductor LC717A00AJ Datasheet HTML 7Page - ON Semiconductor LC717A00AJ Datasheet HTML 8Page - ON Semiconductor LC717A00AJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LC717A00AJ
No.A2089-3/11
Continued from the previous page.
Parameter
Symbol
Conditions
min
typ
max
Unit
Remarks
SDA pin leak current
VOL I2C
SDA Low output
(IOL = -3mA)
0.4
V
Pin leak current
ILEAK
±1
μA
*6
When stand-alone
configuration and
non-touch
VDD = 2.8V
320
390
IDD
when stand-alone
configuration and
non-touch
VDD = 5.5V
740
900
μA
*1 *3
Current consumption
ISTBY
During Sleep process
1
μA
*3
*1) Design-guaranteed values (not tested before shipment)
*2) Measurements conducted using the test mode in the LSI
*3) Ta = +25
°C
*4) Apply to nRST, SCL, SDA, SA, SCK, SI, nCS, GAIN
*5) Apply to Cdrv, Pout0 to 7, SO, ERROR, INTOUT
*6) Apply to nRST, SCL, SDA, SA, SCK, SI, nCS, GAIN


Numéro de pièce similaire - LC717A00AJ

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ-AH ONSEMI-LC717A00AJ-AH Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
More results

Description similaire - LC717A00AJ

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
240Kb / 14P
   Capacitance-Digital-Converter LSI
May, 2014
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com