Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11600JV Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce LB11600JV
Description  Brushless Motor Predriver IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11600JV Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button LB11600JV Datasheet HTML 3Page - ON Semiconductor LB11600JV Datasheet HTML 4Page - ON Semiconductor LB11600JV Datasheet HTML 5Page - ON Semiconductor LB11600JV Datasheet HTML 6Page - ON Semiconductor LB11600JV Datasheet HTML 7Page - ON Semiconductor LB11600JV Datasheet HTML 8Page - ON Semiconductor LB11600JV Datasheet HTML 9Page - ON Semiconductor LB11600JV Datasheet HTML 10Page - ON Semiconductor LB11600JV Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LB11600JV
No.8321-7/30
Truth Table
• Three-Phase Logic Truth Table (IN = H means that the input is in the IN+ > IN- state.)
F/R=[L]
F/R=[H]
Output
IN1
IN2
IN3
IN1
IN2
IN3
PWM
Fixed
1
H
L
H
L
H
L
VH
UL
2
H
L
L
L
H
H
WH
UL
3
H
H
L
L
L
H
WH
VL
4
L
H
L
H
L
H
UH
VL
5
L
H
H
H
L
L
UH
WL
6
L
L
H
H
H
L
VH
WL
When F/R is low, the IC recognizes the states where the Hall inputs in the above table occur in the order 1
→ 6 as
forward rotation, and the reverse order as reverse rotation.
When F/R is high, the IC recognizes the states where the Hall inputs in the above table occur in the order 6
→ 1 as
forward rotation, and the reverse order as reverse rotation.
• S/S Pin
Input state
Operating state
High or open
Stop state
L
Start state
If the S/S pin is not used, the input must be held at the low-level voltage.


Numéro de pièce similaire - LB11600JV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
LB11600JV SANYO-LB11600JV Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
More results

Description similaire - LB11600JV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com