Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRF21BE471QB1RA Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce PRF21BE471QB1RA
Description  contactless operation provides noiseless operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF21BE471QB1RA Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRF21BE471QB1RA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF21BE471QB1RA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF21BE471QB1RA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PRF21BE471QB1RA
Specifications
Max. Voltage
32V
Sensing Temperature
85
Sensing Temperature Tolerance
±5
Measure Condition of Sensing
Temperature
at 4.7k ohm
Resistance
(25
)
470Ω
Resistance Value Tolerance (at
25
)
±50%
Operating Temperature Range
-
20
to
100
Shape
SMD
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/07


Numéro de pièce similaire - PRF21BE471QB1RA

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
PRF21BE471QB1RA MURATA1-PRF21BE471QB1RA Datasheet
441Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF21BE471QB1RA MURATA1-PRF21BE471QB1RA Datasheet
483Kb / 3P
   PTC Thermistors
02/05/2024
PRF21BE471QB1RA MURATA1-PRF21BE471QB1RA_V01 Datasheet
441Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF21BE471QB1RA MURATA1-PRF21BE471QB1RA_V02 Datasheet
483Kb / 3P
   PTC Thermistors
02/05/2024
More results

Description similaire - PRF21BE471QB1RA

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
PRF18BE471RB1RB MURATA-PRF18BE471RB1RB Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF18BF471RS5RB MURATA-PRF18BF471RS5RB Datasheet
207Kb / 3P
   contactless operation provides noiseless operation
PRF18BD471RB1RB MURATA-PRF18BD471RB1RB Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF21BC471QB1RA MURATA-PRF21BC471QB1RA Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF18BD471RS2RB MURATA-PRF18BD471RS2RB Datasheet
206Kb / 3P
   contactless operation provides noiseless operation
PRF21AS471QB1RA MURATA-PRF21AS471QB1RA Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF21BB471QB1RA MURATA-PRF21BB471QB1RA Datasheet
196Kb / 3P
   contactless operation provides noiseless operation
PRF21BD471QB1RA MURATA-PRF21BD471QB1RA Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF18BE471RS2RB MURATA-PRF18BE471RS2RB Datasheet
207Kb / 3P
   contactless operation provides noiseless operation
PRF21BA471QB1RA MURATA-PRF21BA471QB1RA Datasheet
196Kb / 3P
   contactless operation provides noiseless operation
PRF21AR471QB1RA MURATA-PRF21AR471QB1RA Datasheet
196Kb / 3P
   contactless operation provides noiseless operation
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com