Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCP-4182UB Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce TCP-4182UB
Description  8.2 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-4182UB Fiches technique(HTML) 5 Page - ON Semiconductor

  TCP-4182UB Datasheet HTML 1Page - ON Semiconductor TCP-4182UB Datasheet HTML 2Page - ON Semiconductor TCP-4182UB Datasheet HTML 3Page - ON Semiconductor TCP-4182UB Datasheet HTML 4Page - ON Semiconductor TCP-4182UB Datasheet HTML 5Page - ON Semiconductor TCP-4182UB Datasheet HTML 6Page - ON Semiconductor TCP-4182UB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCP−4182UB
www.onsemi.com
5
ASSEMBLY CONSIDERATIONS AND REFLOW PROFILE
The following assembly considerations should be observed:
Cleanliness
These chips should be handled in a clean environment
.
Electro-static Sensitivity
ON Semiconductor’s PTICs are ESD Class 1B sensitive.
The proper ESD handling procedures should be used.
Mounting
The WLCSP PTIC is fabricated for Flip Chip solder
mounting. Connectivity to the RF and Bias terminations on
the PTIC die is established through SAC305 solder balls
with 65
mm nominal height (45 mm to 85 mm height
variation). The PTIC die is RoHS-compliant and compatible
with lead-free soldering profile.
Molding
The PTIC die is compatible for over-molding or
under-fill.
Figure 6. Reflow Profile
ORIENTATION OF THE PTIC FOR OPTIMUM LOSSES
When configuring the PTIC in your specific circuit
design, at least one of the RF terminals must be connected
to DC ground. If minimum transition times are required, DC
ground on both RF terminals is recommended. To minimize
losses, the PTIC should be oriented such that RF2 is at the
lower RF impedance of the two RF nodes. A shunt PTIC, for
example, should have RF2 connected to RF ground.
Figure 7. PTIC Orientation Functional Block
Diagram
Bias
RF
ANT
RF1
(PTIC Pad)
RF2
(PTIC Pad)


Numéro de pièce similaire - TCP-4182UB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB-DT ONSEMI-TCP-4112UB-DT Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4118UB-DT ONSEMI-TCP-4118UB-DT Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4127UA ONSEMI-TCP-4127UA Datasheet
255Kb / 7P
   High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results

Description similaire - TCP-4182UB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCP-3182H ONSEMI-TCP-3182H Datasheet
214Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3082N ONSEMI-TCP-3082N Datasheet
240Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-5082UB ONSEMI-TCP-5082UB Datasheet
231Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-3082H ONSEMI-TCP-3082H Datasheet
351Kb / 9P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com