Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB9N25E Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MTB9N25E
Description  High Energy Power FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB9N25E Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MTB9N25E Datasheet HTML 4Page - ON Semiconductor MTB9N25E Datasheet HTML 5Page - ON Semiconductor MTB9N25E Datasheet HTML 6Page - ON Semiconductor MTB9N25E Datasheet HTML 7Page - ON Semiconductor MTB9N25E Datasheet HTML 8Page - ON Semiconductor MTB9N25E Datasheet HTML 9Page - ON Semiconductor MTB9N25E Datasheet HTML 10Page - ON Semiconductor MTB9N25E Datasheet HTML 11Page - ON Semiconductor MTB9N25E Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MTB9N25E
http://onsemi.com
8
SAFE OPERATING AREA
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
0.5
1
1.5
2.0
2.5
3
25
50
75
100
125
1
TA, AMBIENT TEMPERATURE (°C)
Figure 15. D2PAK Power Derating Curve
RθJA = 50°C/W
Board material = 0.065 mil FR−4
Mounted on the minimum recommended footprint
Collector/Drain Pad Size ≈ 450 mils x 350 mils
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 13. Thermal Response
TJ, STARTING JUNCTION TEMPERATURE (°C)
0.1
1.0
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.1
0
25
50
75
100
125
50
ID = 9 A
10
10
1
25
100
75
125
1000
VGS = 20 V
SINGLE PULSE
TC = 25°C
10 μs
100 μs
1ms
10ms
dc
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
D = 0.5
0.00001
0.0001
0.01
0.1
1.0
0.01
0.001
0.1
10
1.0
t, TIME (s)


Numéro de pièce similaire - MTB9N25E

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MTB9N25E MOTOROLA-MTB9N25E Datasheet
258Kb / 10P
   TMOS POWER FET 9.0 AMPERES 250 VOLTS
More results

Description similaire - MTB9N25E

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com